Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

96KVM-R17V1C-US Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # 96KVM-R17V1C-US
Description  1U 17 LCD Console Drawer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

96KVM-R17V1C-US Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  96KVM-R17V1C-US Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
The company reserves the right to modify product specifications without prior notice and assumes no responsibility for any error
which may appear in this publication. All brand names, logo and registered trademarks are properties of their respective owners.
Copyright 2017 Advantech. All rights reserved.
PS-CV-751-96KVM-R17V1C-XX-0817V1
96KVM-R17V1C-XX
Drawer Features & Display Benefits
1U 17" LCD console drawer
Green LED-backlit panel technology
104-key keyboard with touchpad
New enhanced aesthetics with molded front handle
Short depth design of 460mm
www.advantech.com
1U 17" LCD Console Drawer
Specifications
LCD Panel
Manufacturer :
Size (diagonal) :
Max resolution :
Brightness (cd/m2) :
Backlight :
Colors :
Contrast ratio (typ) :
Viewing angle (H/V) :
Active area (mm) :
MTBF (hrs) :
Video input :
Environmental
Operating temperature :
Storage temperature :
Operating humidity :
Storage humidity :
Operating altitude :
Non-operating altitude :
Shock :
Vibration :
0
to 55°C degree
-20 to 60°C degree
20~90%, non-condensing
5 ~90%, non-condensing
16,000 ft
40,000 ft
10G acceleration ( 11ms duration )
5~500Hz 1G RMS random vibration
17" TFT
1280 x 1024
250
LED
16.7 M
1000 : 1
170° x 160°
338 x 270
30,000
VGA
Weight ( single console )
Net :
Gross :
12 kgs
/ 26 lbs
16.6 kgs / 36.5 lbs
Dimensions ( single console )
441.6 x 460 x 44 mm / 17.4 x 18.1 x 1.73 inch
590 x 808 x 140 mm / 23.2 x 31.8 x 5.5 inch
Product :
Packing :
Black ( RAL 9005 )
Casing Color :
cUL, FCC & CE certified
RoHS2 & REACH compliant
Regulatory
Safety :
Environmental :
Max. 25W
Max. 4W
Max. 1W
Power Consumption ( single console )
Sreen on :
Power saving mode :
Power button on :
Auto-sensing 100 to 240VAC, 50 / 60Hz
Power Input :
Standard Keyboard
Ge
G keyboard integrated with touchpad
Optional layouts
EMEA
Asia
United Kingdom
Germany
France
Spain
Norway
Italy
Russia
Switzerland
Netherlands
Portugal
China
Japan
Korea
Arabia
Turkey
Ordering Part Number
Model
Plug Type
96KVM-R17V1C-EU
European Plug
96KVM-R17V1C-IN
Indian Plug
96KVM-R17V1C-US
US Plug
96KVM-R17V1C-UK
UK Plug
Keyboard layout
USA Enlgish
Console Cable
CE-6
6 feet Combo KVM cable
- VGA + USB or PS/2, server end
- DB15 ( VGA, USB KB & MS ), console port


Similar Part No. - 96KVM-R17V1C-US

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
96KVM-R19V1C-XX ADVANTECH-96KVM-R19V1C-XX Datasheet
98Kb / 1P
1U 19 LCD Console Drawer
2017
96KVM-R19V8C-EU ADVANTECH-96KVM-R19V8C-EU Datasheet
216Kb / 1P
1U 19 LCD KVM Drawer
96KVM-R19V8C-IN ADVANTECH-96KVM-R19V8C-IN Datasheet
216Kb / 1P
1U 19 LCD KVM Drawer
96KVM-R19V8C-UK ADVANTECH-96KVM-R19V8C-UK Datasheet
216Kb / 1P
1U 19 LCD KVM Drawer
96KVM-R19V8C-US ADVANTECH-96KVM-R19V8C-US Datasheet
216Kb / 1P
1U 19 LCD KVM Drawer
More results

Similar Description - 96KVM-R17V1C-US

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B020-016-17 ETC2-B020-016-17 Datasheet
515Kb / 5P
16-Port NetDirector 1U Rackmount Console KVM Switch w/17" LCD
logo
Tripp Lite. All Rights ...
B02000817 TRIPPLITE-B02000817 Datasheet
508Kb / 3P
NetDirector 8-Port 1U Rack-Mount Console KVM Switch w-17-in. LCD
logo
Axiomtek Co., Ltd.
AX69178 AXIOMTEK-AX69178 Datasheet
126Kb / 1P
1U 17 LCD Rackmount Monitor/Keyboard Drawer with 8-port KVM
logo
Tripp Lite. All Rights ...
0SU52088 TRIPPLITE-0SU52088 Datasheet
524Kb / 2P
1U Rack-Mount Console with 17-in. LCD
B021-02R-17 TRIPPLITE-B021-02R-17 Datasheet
528Kb / 3P
1U Rack-Mount Console with 17-in. LCD, Dual Rail
logo
Advantech Co., Ltd.
96KVM-H17V1U-XX ADVANTECH-96KVM-H17V1U-XX Datasheet
100Kb / 1P
1U 17 FHD LCD Console Drawer
96KVM-H17V8U-XX ADVANTECH-96KVM-H17V8U-XX Datasheet
207Kb / 1P
1U 17 FHD LCD KVM Drawer
96KVM-R19V8C-XX ADVANTECH-96KVM-R19V8C-XX Datasheet
216Kb / 1P
1U 19 LCD KVM Drawer
logo
fujitsu semiconductor
FD-1100MT FUJITSU-FD-1100MT Datasheet
282Kb / 5P
1U TFT-LCD 17??Multi-Interface Console Drawer
logo
Advantech Co., Ltd.
96KVM-R19V1C-XX ADVANTECH-96KVM-R19V1C-XX Datasheet
98Kb / 1P
1U 19 LCD Console Drawer
2017
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com