Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B310T Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # MB9B310T
Description  32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B310T Datasheet(HTML) 2 Page - Cypress Semiconductor

  MB9B310T Datasheet HTML 1Page - Cypress Semiconductor MB9B310T Datasheet HTML 2Page - Cypress Semiconductor MB9B310T Datasheet HTML 3Page - Cypress Semiconductor MB9B310T Datasheet HTML 4Page - Cypress Semiconductor MB9B310T Datasheet HTML 5Page - Cypress Semiconductor MB9B310T Datasheet HTML 6Page - Cypress Semiconductor MB9B310T Datasheet HTML 7Page - Cypress Semiconductor MB9B310T Datasheet HTML 8Page - Cypress Semiconductor MB9B310T Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 129 page
background image
MB9B310T Series
32-bit ARM
® Cortex®-M3
FM3 Microcontroller
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 002-04686 Rev.*C
Revised July 11, 2017
The MB9B310T Series are highly integrated 32-bit microcontrollers dedicated for embedded controllers with high-performance and
competitive cost.
These series are based on the ARM
® Cortex®-M3 Processor with on-chip Flash memory and SRAM, and has peripheral functions
such as Motor Control Timers, ADCs and Communication Interfaces (USB, UART, CSIO, I
2C, LIN).
The products which are described in this data sheet are placed into TYPE2 product categories in "FM3 Family Peripheral Manual".
Features
32-bit ARM
® Cortex®-M3 Core
Processor version: r2p1
Up to 144 MHz Frequency Operation
Memory Protection Unit (MPU): improves the reliability of an
embedded system
Integrated Nested Vectored Interrupt Controller (NVIC): 1
NMI (non-maskable interrupt) and 48 peripheral interrupts
and 16 priority levels
24-bit System timer (Sys Tick): System timer for OS task
management
On-chip Memories
[Flash memory]
Up to 1 Mbyte
Built-in Flash Accelerator System with 16 Kbyte trace buffer
memory
The read access to Flash memory can be achieved without
wait cycle up to operation frequency of 72 MHz. Even at the
operation frequency more than 72 MHz, an equivalent
access to Flash memory can be obtained by Flash
Accelerator System.
Security function for code protection
[SRAM]
This Series contain a total of up to 128Kbyte on-chip SRAM
memories. This is composed of two independent SRAM
(SRAM0, SRAM1). SRAM0 is connected to I-code bus and
D-code bus of Cortex-M3 core. SRAM1 is connected to System
bus.
SRAM0: Up to 64 Kbyte.
SRAM1: Up to 64 Kbyte.
External Bus Interface
Supports SRAM, NOR and NAND Flash device
Up to 8 chip selects
8-/16-bit Data width
Up to 25-bit Address bit
Maximum area size: Up to 256 Mbytes
Supports Address/Data multiplex
Supports external RDY input
USB Interface (Max 2 channels)
USB interface is composed of Device and Host.
[USB device]
USB2.0 Full-Speed supported
Max 6 EndPoint supported
EndPoint 0 is control transfer
EndPoint 1, 2 can be selected Bulk-transfer,
Interrupt-transfer or Isochronous-transfer
EndPoint 3 to 5 can be selected Bulk-transfer or
Interrupt-transfer
EndPoint 1 to 5 is comprised Double Buffer
• EndPoint 0, 2 to 5:64 bytes
• EndPoint 1: 256 bytes
[USB host]
USB2.0 Full/Low speed supported
Bulk-transfer, interrupt-transfer and Isochronous-transfer
support
USB Device connected/dis-connected automatically detect
IN/OUT token handshake packet automatically
Max 256-byte packet-length supported
Wake-up function supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com