Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B560L Datasheet(PDF) 23 Page - Cypress Semiconductor

Part # MB9B560L
Description  32-Bit Arm짰 Cortex짰-M4F FM4 Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B560L Datasheet(HTML) 23 Page - Cypress Semiconductor

Back Button MB9B560L Datasheet HTML 19Page - Cypress Semiconductor MB9B560L Datasheet HTML 20Page - Cypress Semiconductor MB9B560L Datasheet HTML 21Page - Cypress Semiconductor MB9B560L Datasheet HTML 22Page - Cypress Semiconductor MB9B560L Datasheet HTML 23Page - Cypress Semiconductor MB9B560L Datasheet HTML 24Page - Cypress Semiconductor MB9B560L Datasheet HTML 25Page - Cypress Semiconductor MB9B560L Datasheet HTML 26Page - Cypress Semiconductor MB9B560L Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 128 page
background image
Document Number: 002-04922 Rev.*B
Page 23 of 128
MB9B560L Series
Pin
Function
Pin Name
Function Description
Pin No
LQFP64
QFN64
LQFP48
QFN48
Multi-
function
Serial
0
SIN0_0
Multi-function serial interface ch.0 input pin
43
34
SIN0_1
57
-
SOT0_0
(SDA0_0)
Multi-function serial interface ch.0 output pin.
This pin operates as SOT0 when it is used in a
UART/CSIO/LIN (operation modes 0 to 3) and as SDA0
when it is used in an I
2C (operation mode 4).
44
35
SOT0_1
(SDA0_1)
56
-
SCK0_0
(SCL0_0)
Multi-function serial interface ch.0 clock I/O pin.
This pin operates as SCK0 when it is used in a CSIO
(operation modes 2) and as SCL0 when it is used in an I
2C
(operation mode 4).
45
36
SCK0_1
(SCL0_1)
55
-
Multi-
function
Serial
1
SIN1_0
Multi-function serial interface ch.1 input pin
48
-
SIN1_1
58
-
SOT1_0
(SDA1_0)
Multi-function serial interface ch.1 output pin.
This pin operates as SOT1 when it is used in a
UART/CSIO/LIN (operation modes 0 to 3) and as SDA1
when it is used in an I
2C (operation mode 4).
47
-
SOT1_1
(SDA1_1)
59
43
SCK1_0
(SCL1_0)
Multi-function serial interface ch.1 clock I/O pin.
This pin operates as SCK1 when it is used in a CSIO
(operation modes 2) and as SCL1 when it is used in an I
2C
(operation mode 4).
46
-
SCK1_1
(SCL1_1)
60
44
Multi-
function
Serial
2
SIN2_0
Multi-function serial interface ch.2 input pin
10
6
SOT2_0
(SDA2_0)
Multi-function serial interface ch.2 output pin.
This pin operates as SOT2 when it is used in a
UART/CSIO/LIN (operation modes 0 to 3) and as SDA2
when it is used in an I
2C (operation mode 4).
11
7
SCK2_0
(SCL2_0)
Multi-function serial interface ch.2 clock I/O pin.
This pin operates as SCK2 when it is used in a CSIO
(operation modes 2) and as SCL2 when it is used in an I
2C
(operation mode 4).
12
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com