Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F469GA Datasheet(PDF) 60 Page - Cypress Semiconductor

Part # MB91F469GA
Description  32-bit Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F469GA Datasheet(HTML) 60 Page - Cypress Semiconductor

Back Button MB91F469GA Datasheet HTML 56Page - Cypress Semiconductor MB91F469GA Datasheet HTML 57Page - Cypress Semiconductor MB91F469GA Datasheet HTML 58Page - Cypress Semiconductor MB91F469GA Datasheet HTML 59Page - Cypress Semiconductor MB91F469GA Datasheet HTML 60Page - Cypress Semiconductor MB91F469GA Datasheet HTML 61Page - Cypress Semiconductor MB91F469GA Datasheet HTML 62Page - Cypress Semiconductor MB91F469GA Datasheet HTML 63Page - Cypress Semiconductor MB91F469GA Datasheet HTML 64Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 147 page
background image
MB91460G Series
Document Number: 002-04606 Rev. *A
Page 59 of 146
000440H
ICR00 [R/W]
- - - 11111
ICR01 [R/W]
- - - 11111
ICR02 [R/W]
- - - 11111
ICR03 [R/W]
- - - 11111
Interrupt Control register
000444H
ICR04 [R/W]
- - - 11111
ICR05 [R/W]
- - - 11111
ICR06 [R/W]
- - - 11111
ICR07 [R/W]
- - - 11111
000448H
ICR08 [R/W]
- - - 11111
ICR09 [R/W]
- - - 11111
ICR10 [R/W]
- - - 11111
ICR11 [R/W]
- - - 11111
00044CH
ICR12 [R/W]
- - - 11111
ICR13 [R/W]
- - - 11111
ICR14 [R/W]
- - - 11111
ICR15 [R/W]
- - - 11111
000450H
ICR16 [R/W]
- - - 11111
ICR17 [R/W]
- - - 11111
ICR18 [R/W]
- - - 11111
ICR19 [R/W]
- - - 11111
000454H
ICR20 [R/W]
- - - 11111
ICR21 [R/W]
- - - 11111
ICR22 [R/W]
- - - 11111
ICR23 [R/W]
- - - 11111
000458H
ICR24 [R/W]
- - - 11111
ICR25 [R/W]
- - - 11111
ICR26 [R/W]
- - - 11111
ICR27 [R/W]
- - - 11111
00045CH
ICR28 [R/W]
- - - 11111
ICR29 [R/W]
- - - 11111
ICR30 [R/W]
- - - 11111
ICR31 [R/W]
- - - 11111
000460H
ICR32 [R/W]
- - - 11111
ICR33 [R/W]
- - - 11111
ICR34 [R/W]
- - - 11111
ICR35 [R/W]
- - - 11111
000464H
ICR36 [R/W]
- - - 11111
ICR37 [R/W]
- - - 11111
ICR38 [R/W]
- - - 11111
ICR39 [R/W]
- - - 11111
000468H
ICR40 [R/W]
- - - 11111
ICR41 [R/W]
- - - 11111
ICR42 [R/W]
- - - 11111
ICR43 [R/W]
- - - 11111
00046CH
ICR44 [R/W]
- - - 11111
ICR45 [R/W]
- - - 11111
ICR46 [R/W]
- - - 11111
ICR47 [R/W]
- - - 11111
000470H
ICR48 [R/W]
- - - 11111
ICR49 [R/W]
- - - 11111
ICR50 [R/W]
- - - 11111
ICR51 [R/W]
- - - 11111
000474H
ICR52 [R/W]
- - - 11111
ICR53 [R/W]
- - - 11111
ICR54 [R/W]
- - - 11111
ICR55 [R/W]
- - - 11111
000478H
ICR56 [R/W]
- - - 11111
ICR57 [R/W]
- - - 11111
ICR58 [R/W]
- - - 11111
ICR59 [R/W]
- - - 11111
00047CH
ICR60 [R/W]
- - - 11111
ICR61 [R/W]
- - - 11111
ICR62 [R/W]
- - - 11111
ICR63 [R/W]
- - - 11111
000480H
RSRR [R/W]
10000000
STCR [R/W]
00110011
TBCR [R/W]
00XXX – 00
CTBR [W]
XXXXXXXX
Clock Control Unit
000484H
CLKR [R/W]
---- 0000
WPR [W]
XXXXXXXX
DIVR0 [R/W]
00000011
DIVR1 [R/W]
00000000
000488H
Reserved
Reserved
00048CH
PLLDIVM [R/W]
- - - - 0000
PLLDIVN [R/W]
- - 000000
PLLDIVG [R/W]
- - - - 0000
PLLMULG [W]
00000000
PLL Clock Gear Unit
000490H
PLLCTRL [R/W]
- - - - 0000
Reserved
000494H
OSCC1 [R/W]
- - - - - 010
OSCS1 [R/W]
00001111
OSCC2 [R/W]
- - - - - 010
OSCS2 [R/W]
00001111
Main/Sub Oscillator
Control
000498H
PORTEN [R/W]
- - - - - - 00
Reserved
Port Input Enable Control
00049CH
Reserved
Reserved
Register
Address
+1
+2
+3
+4
Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com