Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F583AMG Datasheet(PDF) 33 Page - Cypress Semiconductor

Part # MB91F583AMG
Description  32-bit Microcontroller
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F583AMG Datasheet(HTML) 33 Page - Cypress Semiconductor

Back Button MB91F583AMG Datasheet HTML 29Page - Cypress Semiconductor MB91F583AMG Datasheet HTML 30Page - Cypress Semiconductor MB91F583AMG Datasheet HTML 31Page - Cypress Semiconductor MB91F583AMG Datasheet HTML 32Page - Cypress Semiconductor MB91F583AMG Datasheet HTML 33Page - Cypress Semiconductor MB91F583AMG Datasheet HTML 34Page - Cypress Semiconductor MB91F583AMG Datasheet HTML 35Page - Cypress Semiconductor MB91F583AMG Datasheet HTML 36Page - Cypress Semiconductor MB91F583AMG Datasheet HTML 37Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 176 page
background image
Document Number: 002-04665 Rev *A
Page 32 of 175
MB91580M/S Series
 Fail-Safe Design
Any semiconductor devices have inherently a certain rate of failure. You must protect against injury, damage or loss
from such failures by incorporating safety design measures into your facility and equipment such as redundancy, fire
protection, and prevention of over-current levels and other abnormal operating conditions.
 Precautions Related to Usage of Devices
Cypress semiconductor devices are intended for use in standard applications (computers, office automation and other
office equipment, industrial, communications, and measurement equipment, personal or household devices, etc.).
CAUTION: Customers considering the use of our products in special applications where failure or abnormal operation
may directly affect human lives or cause physical injury or property damage, or where extremely high levels of
reliability are demanded (such as aerospace systems, atomic energy controls, sea floor repeaters, vehicle operating
controls, medical devices for life support, etc.) are requested to consult with sales representatives before such use.
The company will not be responsible for damages arising from such use without prior approval.
5.2
Precautions for Package Mounting
Package mounting may be either lead insertion type or surface mount type. In either case, for heat resistance during
soldering, you should only mount under Cypress's recommended conditions. For detailed information about mount
conditions, contact your sales representative.
 Lead Insertion Type
Mounting of lead insertion type packages onto printed circuit boards may be done by two methods: direct soldering on
the board, or mounting by using a socket.
Direct mounting onto boards normally involves processes for inserting leads into through-holes on the board and
using the flow soldering (wave soldering) method of applying liquid solder. In this case, the soldering process usually
causes leads to be subjected to thermal stress in excess of the absolute ratings for storage temperature. Mounting
processes should conform to Cypress recommended mounting conditions.
If socket mounting is used, differences in surface treatment of the socket contacts and IC lead surfaces can lead to
contact deterioration after long periods. For this reason it is recommended that the surface treatment of socket
contacts and IC leads be verified before mounting.
 Surface Mount Type
Surface mount packaging has longer and thinner leads than lead-insertion packaging, and therefore leads are more
easily deformed or bent. The use of packages with higher pin counts and narrower pin pitch results in increased
susceptibility to open connections caused by deformed pins, or shorting due to solder bridges.
You must use appropriate mounting techniques. Cypress recommends the solder reflow method, and has established
a ranking of mounting conditions for each product. Users are advised to mount packages in accordance with Cypress
ranking of recommended conditions.
 Lead-Free Packaging
CAUTION: When ball grid array (BGA) packages with Sn-Ag-Cu balls are mounted using Sn-Pb eutectic soldering,
junction strength may be reduced under some conditions of use.
 Storage of Semiconductor Devices
Because plastic chip packages are formed from plastic resins, exposure to natural environmental conditions will cause
absorption of moisture. During mounting, the application of heat to a package that has absorbed moisture can cause
surfaces to peel, reducing moisture resistance and causing packages to crack. To prevent, do the following:
1. Avoid exposure to rapid temperature changes, which cause moisture to condense inside the product. Store
products in locations where temperature changes are slight.
2. Use dry boxes for product storage. Products should be stored below 70% relative humidity, and at temperatures
between 5°C and 30°C.
When you open Dry Package that recommends humidity 40% to 70% relative humidity.
3. When necessary, Cypress packages semiconductor devices in highly moisture-resistant aluminum laminate bags,
with a silica gel desiccant. Devices should be sealed in their aluminum laminate bags for storage.
4. Avoid storing packages where they are exposed to corrosive gases or high levels of dust.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com