Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F583MH Datasheet(PDF) 32 Page - Cypress Semiconductor

Part # MB91F583MH
Description  32-bit Microcontroller
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F583MH Datasheet(HTML) 32 Page - Cypress Semiconductor

Back Button MB91F583MH Datasheet HTML 28Page - Cypress Semiconductor MB91F583MH Datasheet HTML 29Page - Cypress Semiconductor MB91F583MH Datasheet HTML 30Page - Cypress Semiconductor MB91F583MH Datasheet HTML 31Page - Cypress Semiconductor MB91F583MH Datasheet HTML 32Page - Cypress Semiconductor MB91F583MH Datasheet HTML 33Page - Cypress Semiconductor MB91F583MH Datasheet HTML 34Page - Cypress Semiconductor MB91F583MH Datasheet HTML 35Page - Cypress Semiconductor MB91F583MH Datasheet HTML 36Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 176 page
background image
Document Number: 002-04665 Rev *A
Page 31 of 175
MB91580M/S Series
5. Handling Precautions
Any semiconductor devices have inherently a certain rate of failure. The possibility of failure is greatly affected by the
conditions in which they are used (circuit conditions, environmental conditions, etc.). This page describes precautions
that must be observed to minimize the chance of failure and to obtain higher reliability from your Cypress
semiconductor devices.
5.1
Precautions for Product Design
This section describes precautions when designing electronic equipment using semiconductor devices.
 Absolute Maximum Ratings
Semiconductor devices can be permanently damaged by application of stress (voltage, current, temperature, etc.) in
excess of certain established limits, called absolute maximum ratings. Do not exceed these ratings.
 Recommended Operating Conditions
Recommended operating conditions are normal operating ranges for the semiconductor device. All the device's
electrical characteristics are warranted when operated within these ranges.
Always use semiconductor devices within the recommended operating conditions. Operation outside these ranges
may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on the data sheet.
Users considering application outside the listed conditions are advised to contact their sales representative
beforehand.
 Processing and Protection of Pins
These precautions must be followed when handling the pins which connect semiconductor devices to power supply
and input/output functions.
1.
Preventing Over-Voltage and Over-Current Conditions
Exposure to voltage or current levels in excess of maximum ratings at any pin is likely to cause
deterioration within the device, and in extreme cases leads to permanent damage of the device. Try to
prevent such overvoltage or over-current conditions at the design stage.
2.
Protection of Output Pins
Shorting of output pins to supply pins or other output pins, or connection to large capacitance can cause
large current flows. Such conditions if present for extended periods of time can damage the device.
Therefore, avoid this type of connection.
3.
Handling of Unused Input Pins
Unconnected input pins with very high impedance levels can adversely affect stability of operation. Such
pins should be connected through an appropriate resistance to a power supply pin or ground pin.
 Latch-up
Semiconductor devices are constructed by the formation of P-type and N-type areas on a substrate. When subjected
to abnormally high voltages, internal parasitic PNPN junctions (called thyristor structures) may be formed, causing
large current levels in excess of several hundred mA to flow continuously at the power supply pin. This condition is
called latch-up.
CAUTION: The occurrence of latch-up not only causes loss of reliability in the semiconductor device, but can cause
injury or damage from high heat, smoke or flame. To prevent this from happening, do the following:
1. Be sure that voltages applied to pins do not exceed the absolute maximum ratings. This should include attention to
abnormal noise, surge levels, etc.
2. Be sure that abnormal current flows do not occur during the power-on sequence.
 Observance of Safety Regulations and Standards
Most countries in the world have established standards and regulations regarding safety, protection from
electromagnetic interference, etc. Customers are requested to observe applicable regulations and standards in the
design of products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com