Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F585ASG Datasheet(PDF) 38 Page - Cypress Semiconductor

Part # MB91F585ASG
Description  32-bit Microcontroller
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F585ASG Datasheet(HTML) 38 Page - Cypress Semiconductor

Back Button MB91F585ASG Datasheet HTML 34Page - Cypress Semiconductor MB91F585ASG Datasheet HTML 35Page - Cypress Semiconductor MB91F585ASG Datasheet HTML 36Page - Cypress Semiconductor MB91F585ASG Datasheet HTML 37Page - Cypress Semiconductor MB91F585ASG Datasheet HTML 38Page - Cypress Semiconductor MB91F585ASG Datasheet HTML 39Page - Cypress Semiconductor MB91F585ASG Datasheet HTML 40Page - Cypress Semiconductor MB91F585ASG Datasheet HTML 41Page - Cypress Semiconductor MB91F585ASG Datasheet HTML 42Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 176 page
background image
Document Number: 002-04665 Rev *A
Page 37 of 175
MB91580M/S Series
7.
Block Diagram
 MB91F583AM/F584AM/F585AM
F ro m Ma s te r
T o S la ve
F ro m Ma s te r
T o S la ve
M D 0,M D 1,P040
SOT0_0-1, SOT1-3,
DAOUT
NMIX
MONCLK
RX0- 1,
TX0- 1
A IN0- 1 , BIN0- 1 ,
Z IN0- 1
XBS C rossbar S w itch
F R 81s C P U core
Ins truc tio n
On-chip bus Layer 2
Peripheral bus bridge
1 6
3 2
Wild register
On-chip bus Layer 1
D ebug In te rfa ce
Regulator
M P U
B ac kUp
RA M
DMAC
RAMECC
/
Power-on reset
CR oscillator
F la sh
R A M
D ata
INT0- 7
MM
DTTI0,RTO0-6
IN0-3
A DTG0 -2,
A N0-14, 16-23
FRCK0-5
SIN0_0-1, SIN1-3,
SCK0_0-1, SCK1-3,
SCS1-3
RSTX
Diagnosis
RXDA-B,TXDA-B,
TXENA-B,STOPWT
TIOA0- 1 , TIOB0- 1
TIN0- 3, TOT0- 3
TRG0- 1, PPG0- 5
Main Flash/WorkFlash
Bus
performance
counter
Operating
mode register
Bus bridge
FlexRay (1unit)
CAN (2ch)
Bus diagnosis register
Flash control register
RAMECC/Diagnosis
(XBS-RAM)
Asynchronous bus bridge
(PCLK1
PCLK2)
Asynchronous bus bridge
(PCLK1
PCLK2)
FlexRay clock control
PPG (6ch)
Clock Monitor
CAN prescaler
I/O port setting
Base timer (2ch)
Reload timer (4ch)
U/D counter (2ch)
WDT1 calibration
CRC (2ch)
Waveform generator (2 units (7ch))
Output compare (7ch)
A/D converter
Free-run timer (6ch)
Input capture (4ch)
D/A converter
Multi-function serial interface (4ch)
Bus bridge
(32-bit
16-bit)
Delay interrupt
Interrupt controller
Watchdog timer (SW and HW)
Interrupt request batch read
Generation/clear of DMA transfer request
Clock control register
(frequency dividing setting)
Reset control register
Low-power consumption setting register
CR oscillation (trimming)
NMI
Regulator control
Clock Supervisor
Power shutdown control
External interrupt input (8ch)
Clock control
(clock setting, main timer, PLL timer)
Low-voltage detection (internal
low-voltage detection)
Low-voltage detection (external
low-voltage detection)
Input cut-off
inhibiting signal
Motor control extension function
(PCLK2
MTRCLK)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com