Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F585ASG Datasheet(PDF) 127 Page - Cypress Semiconductor

Part # MB91F585ASG
Description  32-bit Microcontroller
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F585ASG Datasheet(HTML) 127 Page - Cypress Semiconductor

Back Button MB91F585ASG Datasheet HTML 123Page - Cypress Semiconductor MB91F585ASG Datasheet HTML 124Page - Cypress Semiconductor MB91F585ASG Datasheet HTML 125Page - Cypress Semiconductor MB91F585ASG Datasheet HTML 126Page - Cypress Semiconductor MB91F585ASG Datasheet HTML 127Page - Cypress Semiconductor MB91F585ASG Datasheet HTML 128Page - Cypress Semiconductor MB91F585ASG Datasheet HTML 129Page - Cypress Semiconductor MB91F585ASG Datasheet HTML 130Page - Cypress Semiconductor MB91F585ASG Datasheet HTML 131Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 176 page
background image
Document Number: 002-04665 Rev *A
Page 126 of 175
MB91580M/S Series
11.2 Recommended Operating Conditions
(VSS= AVSS=0.0V)
Parameter
Symbol
Value
Unit
Remarks
Min
Max
Power supply voltage
VCC
4.5
5.5
V
Recommended operation guarantee range
AVCC
4.5
5.5
V
VCC
3.7
5.5
V
Operation guarantee range
AVCC
3.7
5.5
V
Smoothing capacitor
*1
CS
4.7
(tolerance within ±50%)
µF
Use a ceramic capacitor or a capacitor that has
the similar frequency characteristics.
Use a capacitor with a capacitance greater than
CS as the smoothing capacitor on the VCC pin.
Operating
temperature
TA
-40
+125
°C
*2
*1: For connection of smoothing capacitor CS, see the figure below.
*2: When it is used exceeding TA=125°C, contact your sales representative.
C Pin Connection Diagram
CS
C
VSS
AVSS
WARNING
The recommended operating conditions are required in order to ensure the normal operation of the semiconductor
device. All of the device's electrical characteristics are warranted when the device is operated under these conditions.
Any use of semiconductor devices will be under their recommended operating condition. Operation under any
conditions other than these conditions may adversely affect reliability of device and could result in device failure. No
warranty is made with respect to any use, operating conditions or combinations not represented on this data sheet. If
you are considering application under any conditions other than listed herein, please contact sales representatives
beforehand.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com