Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F585ASG Datasheet(PDF) 161 Page - Cypress Semiconductor

Part # MB91F585ASG
Description  32-bit Microcontroller
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F585ASG Datasheet(HTML) 161 Page - Cypress Semiconductor

Back Button MB91F585ASG Datasheet HTML 157Page - Cypress Semiconductor MB91F585ASG Datasheet HTML 158Page - Cypress Semiconductor MB91F585ASG Datasheet HTML 159Page - Cypress Semiconductor MB91F585ASG Datasheet HTML 160Page - Cypress Semiconductor MB91F585ASG Datasheet HTML 161Page - Cypress Semiconductor MB91F585ASG Datasheet HTML 162Page - Cypress Semiconductor MB91F585ASG Datasheet HTML 163Page - Cypress Semiconductor MB91F585ASG Datasheet HTML 164Page - Cypress Semiconductor MB91F585ASG Datasheet HTML 165Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 176 page
background image
Document Number: 002-04665 Rev *A
Page 160 of 175
MB91580M/S Series
11.5
A/D Converter
11.5.1
Electrical Characteristics
(TA: Recommended operating conditions, VCC =5.0V±10%, AVCC=5.0V±10%, VSS=AVSS=0.0V)
Parameter
Symbol
Pin name
Value
Unit
Remarks
Min
Typ
Max
Resolution
-
-
-
-
12
bit
Non linearity error
-
-
-4.0
-
+4.0
LSB
Differential linearity
error
-
-
-1.9
-
+1.9
LSB
Zero transition voltage VOT
AN0 to AN14, AN16 to
AN18
*3, AN19, AN20,
AN21 to AN23
*3
AVRL+
0.5LSB-20
-
AVRL+
0.5LSB+20
mV
1LSB=
(VFST-VOT)/40
94
Full-scale transition
voltage
VFST
AN0 to AN14, AN16 to
AN18
*3, AN19, AN20,
AN21 to AN23
*3
AVRH-
1.5LSB-20
-
AVRH-
1.5LSB+20
mV
Sampling time
tSMP
-
0.3
-
12
µs
*1
Compare time
tCMP
-
0.7
-
28
µs
*1
A/D conversion time
tCNV
-
1.0
-
40
µs
*1
Analog port input
current
IAIN
AN0 to AN14, AN16 to
AN18
*3, AN19, AN20,
AN21 to AN23
*3
-1.0
-
1.0
µA
VAVSS ≤ VAIN
≤V
AVCC
Analog input voltage
VAIN
AN0 to AN14, AN16 to
AN18
*3, AN19, AN20,
AN21 to AN23
*3
AVSS
-
AVRH
V
Reference voltage
AVRH
AVRH0,
AVRH1
4.5
-
5.5
V
Avcc
≥ AVRH
AVRL
AVRL0,
AVRL1,
-
0.0
-
V
Power supply current
IA
AVCC0,
AVCC1
-
1.5
2.1
mA
3 units
operating
IAH
-
-
25
µA
3 units
operating
*2
IR
AVRH0,
AVRH1
-
3
6
mA
3 units
operating
IRH
-
-
4.8
µA
3 units
operating
*2
Variation between
channels
-
AN0 to AN14, AN16 to
AN18
*3, AN19, AN20,
AN21 to AN23
*3
-
-
4
LSB
Every 1 unit
*4
*1: Time for each channel.
*2: The Power supply current (Vcc=AVcc=5.0V) is specified if the A/D converter is not operating and CPU is stopped.
*3: Only available with MB91F583AM/F584AM/F585AM
*4: Unit0
AN0 to AN7
Unit1
AN8 to AN14
Unit2
AN16 to AN23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com