| Electronic Components Datasheet Search |
|
CS7615 Datasheet(PDF) 8 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS7615 Datasheet(HTML) 8 Page - Cirrus Logic |
|
8 / 36 page ![]() CS7615 8 DS231PP6 CCD Timing Generator The CCD timing and control signal outputs are dic- tated by the programmable register settings. This allows for compatibility with a variety of CCDs. The HSYNC signal is also output for use in a gen- lock configuration. The open-drain HCLK can be used to clock dc-dc voltage converters which are typically used to generate the CCD imager bias voltages. The following description explains the various output signals provided to the vertical driv- er and CCD as well as the programmable parame- ters that may be set to control these signals. HREF* - horizontal reference signal. It stays high during the active video portion of the line. HENB* - Horizontal shift register clock enable signal. Enables H1 and H2 out of analog tim- ing. CLAMP* - Black clamp signal provided to the ADC. V1X, V2X, V3X, V4X - Vertical register shift clock. Used both during vertical transfer and charge read out. VH1X, VH3X - CCD charge read out pulse. HCLK - Signal used by the dc - dc converter. In the normal mode, it is the same as HREF; In fast mode, it operates at about 16× of the hori- zontal line frequency and is reset at the begin- ning of HREF. HSYNC - Horizontal sync signal. OFDX - Overflow drain control clock. This signal sets the electronic shutter speed. VRST - Vertical field reset signal. VREF* - Vertical reference signal. It is high during the active video lines. *Internal signal on the CS7615 - not a chip output. Vertical Timing Specifications The CCD array is read out alternately as odd and even fields with interlaced horizontal lines. Thus each field has half the total number of horizontal rows. Table 1 specifies the programmable vertical timings which are defined in Figure 8. The timings vary based on odd or even field, 525 or 625 line CCD, and the manufacturer. Horizontal Timing Specifications Each horizontal row of the CCD is divided into several regions corresponding to the type of pixels present. Different CCDs have different numbers of pixels in each region and the timing signals must take this into account. The different pixel types in- clude optical black pixels (front and rear), dummy pixels, active video pixels, and blank video. The horizontal timing for the CCD is based on main- taining a fixed 63.5 µs horizontal line time. CLK2XO CLKO DO[0..9] Figure 7. CS7615 Output Data and Clocks |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |