Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS75113 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS75113
Description  Dual TRI-STATE Differential Line Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS75113 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS75113 Datasheet HTML 1Page - National Semiconductor (TI) DS75113 Datasheet HTML 2Page - National Semiconductor (TI) DS75113 Datasheet HTML 3Page - National Semiconductor (TI) DS75113 Datasheet HTML 4Page - National Semiconductor (TI) DS75113 Datasheet HTML 5Page - National Semiconductor (TI) DS75113 Datasheet HTML 6Page - National Semiconductor (TI) DS75113 Datasheet HTML 7Page - National Semiconductor (TI) DS75113 Datasheet HTML 8Page - National Semiconductor (TI) DS75113 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC) (Note 1)
7V
Input Voltage
55V
OFF-State Voltage Applied to
Open-Collector Outputs
12V
Maximum Power Dissipation at 25 C
Cavity Package
1433 mW
Molded DIP Package
1362 mW
SO Package
1002 mW
Operating Free-Air Temperature Range
DS55113
b
55 Cto a125 C
DS75113
0 Cto a70 C
Derate cavity package 96 mW C above 25 C derate molded DIP pack-
age 109 mW C above 25 C derate SO package 801 mW C above 25 C
(Note 2)
Storage Temperature Range
b
65 Cto a150 C
Lead Temperature (116
from case for
60 seconds) J Package
300 C
Lead Temperature (116
from case for
4 seconds) N Package
260 C
Operating Conditions
Min
Max
Units
Supply Voltage (VCC)
DS55113
45
55
V
DS75113
475
525
V
High Level Output Current (IOH)
b
40
mA
Low Level Output Current (IOL)40
mA
Operating Free-Air Temperature (TA)
DS55113
b
55
125
C
DS75113
0
70
C
Electrical Characteristics Over recommended operating free-air temperature range (unless otherwise noted)
DS55113
DS75113
Symbol
Parameter
Conditions (Note 3)
Min
Typ
Max Min
Typ
Max
Units
(Note 4)
(Note 4)
VIH
High Level
22
V
Input Voltage
VIL
Low Level
08
08
V
Input Voltage
VIK
Input Clamp Voltage
VCC e Min II eb12 mA
b
09
b
15
b
09
b
15
V
VOH
High Level
VCC e Min VIH e 2V
IOH eb10 mA 24
34
24
34
V
Output Voltage
VIL e 08V
IOH eb40 mA
2
30
2
30
VOL
Low Level
VCC e Min VIH e 2V VIL e 08V IOL e 40 mA
023
04
023
04
V
Output Voltage
VOK
Output Clamp Voltage
VCC e Max IO eb40 mA
b
11
b
15
b
11
b
15
V
IO(off)
Off-State
VCC e Max
VOH e 12V
TA e 25 C1
10
Open-Collector
TA e 125 C
200
m
A
Output Current
VOH e 525V TA e 25 C1
10
TA e 70 C20
IOZ
Off-State (High-
VCC e Max
TA e 25 C VO e 0toVCC
g
10
g
10
Impedance-State)
Output Controls
TA e Max
VO e 0V
b
150
b
20
Output Current
at 08V
VO e 04V
g
80
g
20
m
A
VO e 24V
g
80
g
20
VO e VCC
80
20
II
Input Current at A B C VCC e Max VI e 55V
1
1
mA
Maximum Input
CC
2
2
Voltage
IIH
High Level
A B C VCC e Max VI e 24V
40
40
m
A
Input Current
CC
80
80
IIL
Low Level
A B C VCC e Max VI e 04V
b
16
b
16
mA
Input Current
CC
b
32
b
32
http
www nationalcom
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com