Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FEC15 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FEC15
Description  15WATT DC-DC CONVERTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FEC15 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FEC15 Datasheet HTML 1Page - List of Unclassifed Manufacturers FEC15 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model
Number
Input
Range
Output
Voltage
Output
Current
Input
Current
(6)
Eff
(7)
(%)
Capacitor
(8)
Load max
FEC15-12S33
9 – 18 VDC
3.3 VDC
4000mA
1467mA
79
10200uF
FEC15-12S05
9 – 18 VDC
5 VDC
3000mA
1603mA
82
7050uF
FEC15-12S12
9 – 18 VDC
12 VDC
1250mA
1524mA
86
1035uF
FEC15-12S15
9 – 18 VDC
15 VDC
1000mA
1524mA
86
705uF
FEC15-12D05
9 – 18 VDC
± 5 VDC
± 1500mA
1582mA
83
± 1020uF
FEC15-12D12
9 – 18 VDC
± 12 VDC
± 625mA
1524mA
86
± 495uF
FEC15-12D15
9 – 18 VDC
± 15 VDC
± 500mA
1563mA
84
± 165uF
FEC15-24S33
18 – 36 VDC
3.3 VDC
4000mA
724mA
80
10200uF
FEC15-24S05
18 – 36 VDC
5 VDC
3000mA
781mA
84
7050uF
FEC15-24S12
18 – 36 VDC
12 VDC
1250mA
772mA
85
1035uF
FEC15-24S15
18 – 36 VDC
15 VDC
1000mA
772mA
85
705uF
FEC15-24D05
18 – 36 VDC
± 5 VDC
± 1500mA
781mA
84
± 1020uF
FEC15-24D12
18 – 36 VDC
± 12 VDC
± 625mA
762mA
86
± 495uF
FEC15-24D15
18 – 36 VDC
± 15 VDC
± 500mA
762mA
86
± 165uF
FEC15-48S33
36 – 75 VDC
3.3 VDC
4000mA
357mA
81
10200uF
FEC15-48S05
36 – 75 VDC
5 VDC
3000mA
396mA
83
7050uF
FEC15-48S12
36 – 75 VDC
12 VDC
1250mA
377mA
87
1035uF
FEC15-48S15
36 – 75 VDC
15 VDC
1000mA
381mA
86
705uF
FEC15-48D05
36 – 75 VDC
± 5 VDC
± 1500mA
386mA
85
± 1020uF
FEC15-48D12
36 – 75 VDC
± 12 VDC
± 625mA
372mA
88
± 495uF
FEC15-48D15
36 – 75 VDC
± 15 VDC
± 500mA
377mA
87
± 165uF
PIN CONNECTION
PIN
SINGLE
DUAL
1
+ INPUT
+ INPUT
2
- INPUT
- INPUT
3
+ OUTPUT
+ OUTPUT
4
NO PIN
COMMON
5
- OUTPUT
- OUTPUT
6
CTRL (Option)
CTRL (Option)
0.40
(10.2)
0.40
(10.2)
0.50
(12.7)
1.00(25.4)
0.40
(10.2)
1. All dimensions in Inches (mm)
Tolerance x.xx±0.02(x.x±0.5)
2. Pin Pitch tolerance ±0.014(0.35)
0.10(2.5)
0.20(5.1)
0.22(5.6)
12
34
5
6
Bottom
View
Note
1.
The FEC15 series required a minimum 10% loading on the output to maintain specified
regulation. Operation under no-load condition will not damage these devices, however they may
not meet all listed specification
2.
Please add an external filter at converter input terminals when measuring input reflected ripple,
as figure 1.
L: Simulated source impedance of 12μH
C: Nippon chemi-con KMF series 100μF/100V
3.
The ON/OFF control is option function. There are positive logic and negative logic. The pin
voltage is referenced to negative input
To order positive logic ON-OFF control add the suffix-P (Ex: FEC15-24S05-P)
To order negative logic ON-OFF control add the suffix-N (Ex: FEC15-24S05-N)
4.
BELLCORE TR-NWT-000332. Case 1: 50% Stress,
Temperature at 40ºC. (Ground fixed and controlled
environment)
5.
Heat sink is optional and P/N: 7G-0020A
6.
Maximum value at nominal input voltage and full load
7.
Typical value at nominal input voltage and full load
8.
Test by minimum Vin and constant resistive load.
1.5
2
2.5
3
0.5
1
50
65
OUTPUT LOAD (A)
FEC15-48S05
Efficiency VS Output load
83
82
81
80
79
78
77
76
70
45
55
65
75
36
40
73
74
INPUT VOLTAGE (V)
FEC15-48S05
Efficiency VS Input Voltage
83
82
81
80
79
78
77
76
75
60
50
70
50 60 70 80 90 100
-40 -25
0
-10
25
50
75
100
0
AMBIENT TEMPERATURE (ºC)
FEC15-48S05 Derating Curve
Nature convection
50 60 70 80 90 100
-40 -25
0
-10
25
50
75
100
0
AMBIENT TEMPERATURE (ºC)
FEC15-48S05 Derating Curve
With HEAT-SINK (Note 5)
Nature convection
VER:03
2
/
2
Figure 1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com