Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2250CSZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL2250CSZ
Description  125MHz Single Supply Dual/Quad Op Amps
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2250CSZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL2250CSZ Datasheet HTML 4Page - Intersil Corporation EL2250CSZ Datasheet HTML 5Page - Intersil Corporation EL2250CSZ Datasheet HTML 6Page - Intersil Corporation EL2250CSZ Datasheet HTML 7Page - Intersil Corporation EL2250CSZ Datasheet HTML 8Page - Intersil Corporation EL2250CSZ Datasheet HTML 9Page - Intersil Corporation EL2250CSZ Datasheet HTML 10Page - Intersil Corporation EL2250CSZ Datasheet HTML 11Page - Intersil Corporation EL2250CSZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
FN7061.2
June 7, 2005
Typical Performance Curves (Continued)
Differential Gain for
Single Supply Operation
Differential Phase for
Single Supply Operation
Differential Gain and Phase
for Dual Supply Operation
2nd and 3rd Harmonic Distortion
vs Frequency
2nd and 3rd Harmonic Distortion
vs Frequency
2nd and 3rd Harmonic Distortion
vs Frequency
Output Voltage Swing vs
Frequency for THD < 0.1%
Output Voltage Swing vs
Frequency for Unlimited Distortion
Output Current vs Die
Temperature
EL2250, EL2450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com