Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB96320 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # MB96320
Description  F2MC-16FX, 16-bit Microcontroller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96320 Datasheet(HTML) 2 Page - Cypress Semiconductor

  MB96320 Datasheet HTML 1Page - Cypress Semiconductor MB96320 Datasheet HTML 2Page - Cypress Semiconductor MB96320 Datasheet HTML 3Page - Cypress Semiconductor MB96320 Datasheet HTML 4Page - Cypress Semiconductor MB96320 Datasheet HTML 5Page - Cypress Semiconductor MB96320 Datasheet HTML 6Page - Cypress Semiconductor MB96320 Datasheet HTML 7Page - Cypress Semiconductor MB96320 Datasheet HTML 8Page - Cypress Semiconductor MB96320 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 94 page
background image
MB96320 Series
F2MC-16FX, 16-bit Microcontroller
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 002-04584 Rev. *A
Revised April 25, 2016
MB96320 series is based on Cypress advanced 16FX architecture (16-bit with instruction pipeline for RISC-like performance). The
CPU uses the same instruction set as the established 16LX series - thus allowing for easy migration of 16LX Software to the new
16FX products. 16FX improvements compared to the previous generation include significantly improved performance - even at the
same operation frequency, reduced power consumption and faster start-up time.
For highest processing speed at optimized power consumption an internal PLL can be selected to supply the CPU with up to 56MHz
operation frequency from an external 4MHz resonator. The result is a minimum instruction cycle time of 17.8ns going together with
excellent EMI behavior. An on-chip clock modulation circuit significantly reduces emission peaks in the frequency spectrum. The
emitted power is minimized by the on-chip voltage regulator that reduces the internal CPU voltage. A flexible clock tree allows to select
suitable operation frequencies for peripheral resources independent of the CPU speed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com