Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC856 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # BC856
Description  SMD General Purpose PNP Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BC856 Datasheet(HTML) 2 Page - Diotec Semiconductor

  BC856_18 Datasheet HTML 1Page - Diotec Semiconductor BC856_18 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BC856 ... BC860
Characteristics
Kennwerte
Tj = 25°C
Min.
Typ.
Max.
DC current gain – Kollektor-Basis-Stromverhältnis
- VCE = 5 V
- IC = 10 µA
Group A
Group B
Group C
hFE
–
–
–
90
150
270
–
–
–
- IC = 2 mA
Group A
Group B
Group C
hFE
125
220
420
180
290
520
250
475
800
Collector-Emitter saturation voltage – Kollektor-Sättigungsspannung 1)
- IC = 10 mA
- IB = 0.5 mA
- IC = 100 mA
- IB = 5 mA
- VCEsat
–
–
–
–
300 mV
650 mV
Base-Emitter saturation voltage – Basis-Sättigungsspannung 2)
- IC = 10 mA
- IB = 0.5 mA
- IC = 100 mA
- IB = 5 mA
- VBEsat
–
–
700 mV
900 mV
–
–
Base-Emitter-voltage – Basis-Emitter-Spannung 2)
- VCE = 5 V
- IC = - 2 mA
- VCE = 5 V
- IC = - 10 mA
- VBE
600 mV
–
–
–
750 mV
820 mV
Collector-Base cutoff current – Kollektor-Basis-Reststrom
- VCE = 30 V
- VCE = 30 V
Tj = 125°C
E open
- ICBO
–
–
–
–
15 nA
4 µA
Emitter-Base cutoff current
- VEB = 5 V
C open
- IEBO
–
–
100 nA
Gain-Bandwidth Product – Transitfrequenz
- VCE = 5 V, - IC = 10 mA, f = 100 MHz
fT
100 MHz
–
–
Collector-Base Capacitance – Kollektor-Basis-Kapazität
- VCB = 10 V, IE =ie = 0, f = 1 MHz
CCBO
–
4.5 pF
–
Emitter-Base Capacitance – Emitter-Basis-Kapazität
- VEB = 0.5 V, IC = ic = 0, f = 1 MHz
CEB0
–
9 pF
–
Noise figure – Rauschzahl
- VCE = 5 V, - IC = 200 µA
RG = 2 kΩ, f = 1 kHz, Δf = 200 Hz
BC856 ... BC858
BC859 ... BC860
F
–
–
2 dB
1.2 dB
10 dB
4 dB
Thermal resistance junction to ambient
Wärmewiderstand Sperrschicht – Umgebung
RthA
< 420 K/W 2)
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
1
Tested with pulses tp = 300 µs, duty cycle ≤ 2% – Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
2
Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com