Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3C3441LF Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE3C3441LF
Description  10-32 Male Right Angle to BNC Male CableUsing RG316 Coax, LF Solder, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C3441LF Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE3C3441LF Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C3441LF Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C3441LF Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C3441LF Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
How to Order
Part Number Configuration:
PE3C3441LF
-
xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE3C3441LF-12 = 12 inches long cable
PE3C3441LF-100cm = 100 cm long cable
10-32 Male Right Angle to BNC Male Cable Using RG316 Coax, LF Solder, RoHS from Pasternack Enterprises has same
day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99.4%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 10-32 Male Right Angle to BNC Male Cable Using RG316 Coax, LF Solder, RoHS PE3C3441LF
URL: https://www.pasternack.com/10-32-male-bnc-male-rg316u-cable-assembly-pe3c3441lf-p.aspx
PE3C3441LF REV 1.0
RF Cable Assemblies Technical Data Sheet
10-32 Male Right Angle to BNC Male Cable
Using RG316 Coax, LF Solder, RoHS
PE3C3441LF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com