Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3C3448 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C3448
Description  SMA Male Right Angle to BNC Male Cable Using RG174 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C3448 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C3448 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C3448 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C3448 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C3448 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: SMA Male Right Angle
• Connector 2: BNC Male
• Cable Type: RG174
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
1,000
MHz
VSWR
1.4:1
Velocity of Propagation
66
%
Capacitance
31.1 [102.03]
pF/ft [pF/m]
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
50
100
250
500
1,000
MHz
Insertion Loss (Max.)
1.04
1.08
1.14
1.21
1.32
dB/ft
3.41
3.54
3.74
3.97
4.33
dB/m
Insertion Loss (Typ.)
0.242
0.284
0.337
0.412
0.52
dB/ft
0.79
0.93
1.11
1.35
1.71
dB/m
VSWR (Max.)
1.4:1
1.4:1
1.4:1
1.4:1
1.4:1
Return Loss (Max.)
15.56
15.563
15.563
15.563
15.563
dB
.
Mechanical Specifications
Cable Assembly
Diameter
0.57 in [14.48 mm]
.
Cable
Cable Type
RG174
Impedance
50 Ohms
Inner Conductor Type
Stranded
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Right Angle to BNC Male Cable Using RG174 Coax PE3C3448
PE3C3448 REV 1.0
SMA Male Right Angle to BNC Male Cable Using RG174 Coax
RF Cable Assemblies Technical Data Sheet
PE3C3448


Similar Part No. - PE3C3448

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C3448-12 PASTERNACK-PE3C3448-12 Datasheet
363Kb / 4P
SMA Male Right Angle to BNC Male Cable 12 Inch Length Using RG174 Coax
PE3C3448-18 PASTERNACK-PE3C3448-18 Datasheet
363Kb / 4P
SMA Male Right Angle to BNC Male Cable 18 Inch Length Using RG174 Coax
PE3C3448-24 PASTERNACK-PE3C3448-24 Datasheet
363Kb / 4P
SMA Male Right Angle to BNC Male Cable 24 Inch Length Using RG174 Coax
PE3C3448-36 PASTERNACK-PE3C3448-36 Datasheet
363Kb / 4P
SMA Male Right Angle to BNC Male Cable 36 Inch Length Using RG174 Coax
PE3C3448-48 PASTERNACK-PE3C3448-48 Datasheet
363Kb / 4P
SMA Male Right Angle to BNC Male Cable 48 Inch Length Using RG174 Coax
More results

Similar Description - PE3C3448

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C2295 PASTERNACK-PE3C2295 Datasheet
365Kb / 4P
BNC Male to BNC Male Cable Using RG174 Coax
PE3C3328 PASTERNACK-PE3C3328 Datasheet
364Kb / 4P
SMA Male to BNC Male Cable Using RG174 Coax
PE3C3404 PASTERNACK-PE3C3404 Datasheet
363Kb / 4P
BNC Male to BNC Male Right Angle Cable Using RG174 Coax
PE3C3448-6 PASTERNACK-PE3C3448-6 Datasheet
363Kb / 4P
SMA Male Right Angle to BNC Male Cable 6 Inch Length Using RG174 Coax
PE3C3448-12 PASTERNACK-PE3C3448-12 Datasheet
363Kb / 4P
SMA Male Right Angle to BNC Male Cable 12 Inch Length Using RG174 Coax
PE3C3448-18 PASTERNACK-PE3C3448-18 Datasheet
363Kb / 4P
SMA Male Right Angle to BNC Male Cable 18 Inch Length Using RG174 Coax
PE3C3448-24 PASTERNACK-PE3C3448-24 Datasheet
363Kb / 4P
SMA Male Right Angle to BNC Male Cable 24 Inch Length Using RG174 Coax
PE3C3448-36 PASTERNACK-PE3C3448-36 Datasheet
363Kb / 4P
SMA Male Right Angle to BNC Male Cable 36 Inch Length Using RG174 Coax
PE3C3448-72 PASTERNACK-PE3C3448-72 Datasheet
363Kb / 4P
SMA Male Right Angle to BNC Male Cable 72 Inch Length Using RG174 Coax
PE3C3448LF PASTERNACK-PE3C3448LF Datasheet
368Kb / 4P
SMA Male Right Angle to BNC Male Cable Using RG174 Coax, LF Solder, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com