Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE44897 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44897
Description  TNC Female Bulkhead Mount Connector Clamp/Solder Attachment for PE-047SR, PESR047AL, PE-SR047FL, IP68 Rated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44897 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44897 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44897 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44897 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• TNC Female Connector
• MIL-STD-348
• 50 Ohms
• Straight Body Geometry
• PE-047SR, PE-SR047AL, PE-SR047FL Interface Type
• Clamp/Solder Attachment
• Bulkhead
Features
• Max. Operating Frequency 2 GHz
• Gold Plated Beryllium Copper Contact
• IP68 Rated
Applications
• General Purpose Test
• Rack and Panel Mount Applications
• Custom Cable Assemblies
.
Description
Pasternack’s PE44897 TNC female bulkhead connector with clamp/solder attachment for PE-047SR, PE-SR047AL and PE-
SR047FL is part of our full line of RF components available for same-day shipping. Our TNC female connector operates up
to a maximum frequency of 2 GHz. This TNC bulkhead connector allows designers to create external connections on their
product enclosures, and can be used in a variety of other rack mount and panel mount applications. The connector has an
IP68 rating to protect against dust and prolonged moisture protection under immersion conditions.
Our TNC female bulkhead connector PE44897 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
2
GHz
.
Mechanical Specifications
Size
Length
1 in [25.4 mm]
Width/Dia.
0.687 in [17.45 mm]
.
Weight
0.04 lbs [18.14 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: TNC Female Bulkhead Mount Connector Clamp/Solder Attachment for PE-047SR, PE-
SR047AL, PE-SR047FL, IP68 Rated PE44897
PE44897 REV 1.1
TNC Female Bulkhead Mount Connector
Clamp/Solder Attachment for PE-047SR, PE-
SR047AL, PE-SR047FL, IP68 Rated
RF Connectors Technical Data Sheet
PE44897


Similar Part No. - PE44897

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4489 PASTERNACK-PE4489 Datasheet
259Kb / 3P
N Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .640 inch DD Hole
PE4489 PASTERNACK-PE4489 Datasheet
348Kb / 3P
N Male Bulkhead Mount Connector Solder Attachment
PE44890 PASTERNACK-PE44890 Datasheet
368Kb / 3P
BNC Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment Eyelet Terminal IP 67 Rated
PE44891 PASTERNACK-PE44891 Datasheet
379Kb / 3P
BNC Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment Eyelet Terminal IP 67 Rated
PE44892 PASTERNACK-PE44892 Datasheet
383Kb / 3P
TNC Female Right Angle Bulkhead Mount Connector Solder Attachment Surface Mount PCB IP 67 Rated
More results

Similar Description - PE44897

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44335 PASTERNACK-PE44335 Datasheet
261Kb / 2P
1.85mm Male Connector Clamp/Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE4975 PASTERNACK-PE4975 Datasheet
219Kb / 3P
TNC Male Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44971 PASTERNACK-PE44971 Datasheet
376Kb / 3P
Mini SMP Female Connector Solder Attachment for PE-047SR, PE-SR047FL
PE4418 PASTERNACK-PE4418 Datasheet
413Kb / 3P
SMA Female Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
PE44425 PASTERNACK-PE44425 Datasheet
228Kb / 3P
SSMA Female Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44797 PASTERNACK-PE44797 Datasheet
286Kb / 3P
2.92mm Male Precision Connector Clamp/Solder Attachment For PE-SR047FL, PE-SR047AL, PE-047SR
PE44798 PASTERNACK-PE44798 Datasheet
283Kb / 3P
2.92mm Female Precision Connector Clamp/Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44799 PASTERNACK-PE44799 Datasheet
288Kb / 3P
1.85mm Male Precision Connector Clamp/Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE45366 PASTERNACK-PE45366 Datasheet
364Kb / 5P
SSMC Plug Connector Clamp/Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
PE45371 PASTERNACK-PE45371 Datasheet
385Kb / 5P
SSMC Jack Connector Clamp/Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com