Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3704 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3704
Description  Wide Input Range, No RSENSE Positive-to-Negative DC/DC Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3704 Datasheet(HTML) 2 Page - Linear Technology

  LTC3704 Datasheet HTML 1Page - Linear Technology LTC3704 Datasheet HTML 2Page - Linear Technology LTC3704 Datasheet HTML 3Page - Linear Technology LTC3704 Datasheet HTML 4Page - Linear Technology LTC3704 Datasheet HTML 5Page - Linear Technology LTC3704 Datasheet HTML 6Page - Linear Technology LTC3704 Datasheet HTML 7Page - Linear Technology LTC3704 Datasheet HTML 8Page - Linear Technology LTC3704 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
LTC3704
sn3704 3704fs
(Note 1)
VIN Voltage ............................................... – 0.3V to 36V
INTVCC Voltage ........................................... – 0.3V to 7V
INTVCC Output Current ........................................ 50mA
GATE Voltage ........................... – 0.3V to VINTVCC + 0.3V
ITH Voltage ............................................... –0.3V to 2.7V
NFB Voltage .............................................. –2.7V to 2.7V
RUN, MODE/SYNC Voltages ....................... – 0.3V to 7V
FREQ Voltage ............................................– 0.3V to 1.5V
SENSE Pin Voltage ................................... – 0.3V to 36V
Operating Temperature Range (Note 2) .. – 40
°C to 85°C
Junction Temperature (Note 3) ............................ 125
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
LTC3704EMS
TJMAX = 125°C, θJA = 120°C/ W
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS
MS PART MARKING
LTYT
1
2
3
4
5
RUN
ITH
NFB
FREQ
MODE/
SYNC
10
9
8
7
6
SENSE
VIN
INTVCC
GATE
GND
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
Consult LTC Marketing for parts specified with wider operating temperature ranges.
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VIN = VINTVCC = 5V, VRUN = 1.5V, RT = 80k, VMODE/SYNC = 0V, unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Control Loop
VIN(MIN)
Minimum Input Voltage
2.5
V
IQ
Input Voltage Supply Current
(Note 4)
Continuous Mode
VMODE/SYNC = 5V, VITH = 0.75V
550
1000
µA
Burst Mode Operation, No Load
VMODE/SYNC = 0V, VITH = 0.2V (Note 5)
250
500
µA
Shutdown Mode
VRUN = 0V
10
20
µA
VRUN
+
Rising RUN Input Threshold Voltage
1.348
V
VRUN–
Falling RUN Input Threshold Voltage
1.223
1.248
1.273
V
q
1.198
1.298
V
VRUN(HYST)
RUN Pin Input Threshold Hysteresis
50
100
150
mV
IRUN
RUN Input Current
1
100
nA
VNFB
Negative Feedback Voltage
VITH = 0.2V (Note 5)
–1.218
–1.230
–1.242
V
q
–1.212
–1.248
V
INFB
NFB Pin Input Current
VITH = 0.2V (Note 5)
7.5
15
µA
∆VNFB
Line Regulation
2.5V
≤ VIN ≤ 30V
0.002
0.02
%/V
∆VIN
∆VNFB
Load Regulation
VMODE/SYNC = 0V, VTH = 0.5V to 0.90V (Note 5)
q
–1
–0.1
%
∆VITH
gm
Error Amplifier Transconductance
ITH Pin Load = ±5µA (Note 5)
650
µmho
VITH(BURST)
Burst Mode Operation ITH Pin Voltage
Falling ITH Voltage (Note 5)
0.3
V
VSENSE(MAX) Maximum Current Sense Input Threshold
Duty Cycle < 20%
120
150
180
mV
ISENSE(ON)
SENSE Pin Current (GATE High)
VSENSE = 0V
40
75
µA
ISENSE(OFF)
SENSE Pin Current (GATE Low)
VSENSE = 30V
0.1
5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com