Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE45335 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45335
Description  BMA Plug Slide-On Connector Solder Attachment Thru Hole PCB, Extended Version
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45335 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45335 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45335 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45335 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45335 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Slide-On BMA Plug Connector
• 50 Ohms
• Straight Body Geometry
• Thru Hole Interface Type
• Solder Attachment
Features
• Max. Operating Frequency 22 GHz
• Excellent VSWR of 1.25:1
• Gold Plated Beryllium Copper Contact
• 51.18µ in. minimum contact plating
• Blind Mate Connector
• Low-Engagement Force
Applications
• General Purpose Test
• PCB Applications
• Blind Mating
• Rack and Panel
• Phased Array Systems
• Base Stations
• RF Backplanes
• Test I/O
.
Description
Pasternack’s PE45335 BMA plug slide-on connector with solder attachment for thru hole PCB is part of our full line of RF
components available for same-day shipping. Our BMA plug connector operates up to a maximum frequency of 22 GHz and
offers excellent VSWR of 1.25:1. The Pasternack blind mate connector is ideal for applications where direct visual or tactile
access to the connection point is not possible, for example, when two circuit boards need to be mated.
Our BMA plug connector PE45335 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
22
GHz
VSWR
1.25:1
Insertion Loss
0.32
dB
Operating Voltage (AC)
350
Vrms
Dielectric Withstanding Voltage (AC)
1,000
Vrms
Insulation Resistance
5,000
MOhms
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BMA Plug Slide-On Connector Solder Attachment Thru Hole PCB, Extended Version PE45335
PE45335 REV 1.0
BMA Plug Slide-On Connector Solder Attachment
Thru Hole PCB, Extended Version
RF Connectors Technical Data Sheet
PE45335


Similar Part No. - PE45335

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4533 PASTERNACK-PE4533 Datasheet
292Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Stub Terminal, .500 inch Hole Spacing
PE4533 PASTERNACK-PE4533 Datasheet
324Kb / 3P
SMA Female Connector Solder Attachment
PE45330 PASTERNACK-PE45330 Datasheet
437Kb / 5P
BMA Jack Right Angle Slide-On Connector Solder Attachment 2 Hole Flange Mount for RG405, PESR405AL, PE-SR405FL, PE-SR405FLJ, Gold Body
PE45331 PASTERNACK-PE45331 Datasheet
435Kb / 5P
BMA Jack Right Angle Slide-On Connector Solder Attachment 2 Hole Flange Mount for RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ
PE45332 PASTERNACK-PE45332 Datasheet
436Kb / 5P
BMA Jack Right Angle Slide-On Connector Crimp/Solder Attachment 2 Hole Flange Mount for RG142, RG223, RG400, RG55
More results

Similar Description - PE45335

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44649B PASTERNACK-PE44649B Datasheet
287Kb / 2P
FAKRA Plug Connector Solder Attachment Thru Hole PCB, White Color
PE4559 PASTERNACK-PE4559_16 Datasheet
324Kb / 4P
MCX Plug Connector Solder Attachment Thru Hole PCB
PE45315 PASTERNACK-PE45315 Datasheet
455Kb / 5P
BMA Plug Bulkhead Mount Slide-On Connector Crimp/Solder Attachment for RG178, RG196
PE45333 PASTERNACK-PE45333 Datasheet
420Kb / 4P
BMA Plug Right Angle Slide-On Connector Solder Attachment Surface Mount PCB
PE45336 PASTERNACK-PE45336 Datasheet
361Kb / 3P
BMA Plug Slide-On Connector Solder Attachment Thru Hole PCB
PE45337 PASTERNACK-PE45337 Datasheet
363Kb / 3P
BMA Jack Slide-On Connector Solder Attachment Thru Hole PCB
PE45338 PASTERNACK-PE45338 Datasheet
364Kb / 3P
BMA Jack Slide-On Connector Solder Attachment Surface Mount PCB
PE45339 PASTERNACK-PE45339 Datasheet
366Kb / 4P
BMA Plug Slide-On Connector Solder Attachment 4 Hole Flange Mount Stub Terminal, .340 inch Hole Spacing
PE45344 PASTERNACK-PE45344 Datasheet
365Kb / 4P
BMA Plug Slide-On Connector Solder Attachment 2 Hole Flange Mount Stub Terminal, .481 inch Hole Spacing
PE45355 PASTERNACK-PE45355 Datasheet
356Kb / 3P
BMA Plug Right Angle Connector Solder Attachment Thru Hole PCB
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com