Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC101L-DS05-R Datasheet(PDF) 15 Page - Broadcom Corporation.

Part # AC101L-DS05-R
Description  Ultra Low-Power 10/100 Ethernet Transceiver with Auto-MDIX
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC101L-DS05-R Datasheet(HTML) 15 Page - Broadcom Corporation.

Back Button AC101L-DS05-R Datasheet HTML 11Page - Broadcom Corporation. AC101L-DS05-R Datasheet HTML 12Page - Broadcom Corporation. AC101L-DS05-R Datasheet HTML 13Page - Broadcom Corporation. AC101L-DS05-R Datasheet HTML 14Page - Broadcom Corporation. AC101L-DS05-R Datasheet HTML 15Page - Broadcom Corporation. AC101L-DS05-R Datasheet HTML 16Page - Broadcom Corporation. AC101L-DS05-R Datasheet HTML 17Page - Broadcom Corporation. AC101L-DS05-R Datasheet HTML 18Page - Broadcom Corporation. AC101L-DS05-R Datasheet HTML 19Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 54 page
background image
Preliminary Data Sheet
AC101L
8/9/04
B roa dcom Co rpo rat ion
Document
AC101L-DS06-R
FEF (Far-End Fault)
Page 5
FEF (FAR-END FAULT)
Auto-negotiation provides the mechanism to inform the link partner that a remote fault has occurred. Auto-negotiation is
disabled, however, in the 100BASE-FX applications. An alternative in-band signaling function (FEFI) is used to signal a
remote fault condition.
FEFI is a stream of 84 consecutive ones followed by one logic zero. This pattern is repeated three times.
An FEFI signal is given under three conditions:
•
When no activity is received from the link partner.
•
When the clock recovery circuit detects a signal error or PLL lock error.
•
When a management entity sets the Transmit Far-End Fault bit.
The FEFI mechanism is enabled by default in the 100BASE-FX mode and disabled in 100BASE-TX or 10BASE-T modes.
The register setting can be changed by software after reset.
TRANSMIT DRIVER
In 100BASE-TX mode, the PHY transmit function converts synchronous 4-bit data nibbles from the MII to a pair of 125-Mbps
differential serial data streams. The serial data are transmitted over network twisted-pair cables via an isolation transformer.
Data conversion includes 4B/5B encoding, scrambling, parallel-to-serial, NRZ to NRZI, and MLT3 encoding. The entire
operation is synchronous to the 25-MHz and 125-MHz clocks. Both clocks are generated by an on-chip PLL clock
synthesizer that is locked on to an external 25-MHz clock source.
In 100BASE-FX, the transmit driver does not perform filtering; it utilizes a current drive output that is well balanced and
produces a low noise PECL signal. PECL voltage levels are produced with resistive terminations.
In 10BASE-T mode, if the MII interface is used, parallel-to-serial logic is used to convert the 4-bit data into the serial stream
through the output wave shaping driver. The wave shaper reduces any EMI emission by filtering out the harmonics, therefore
eliminating the need for an external filter.
HP AUTO-MDI/MDIX
This feature is able to detect the required cable connection type (straight-through or crossed-over) and make correction
automatically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com