Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC101L-DS04-R Datasheet(PDF) 25 Page - Broadcom Corporation.

Part # AC101L-DS04-R
Description  Ultra Low-Power 10/100 Ethernet Transceiver with Auto-MDIX
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC101L-DS04-R Datasheet(HTML) 25 Page - Broadcom Corporation.

Back Button AC101L-DS04-R Datasheet HTML 21Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 22Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 23Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 24Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 25Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 26Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 27Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 28Page - Broadcom Corporation. AC101L-DS04-R Datasheet HTML 29Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 54 page
background image
Preliminary Data Sheet
AC101L
8/9/04
B roa dcom Co rpo rat ion
Document
AC101L-DS06-R
TP PHY Register Summary
Page 15
1.13
100BASE-TX
Half-Duplex
1 = 100BASE-TX half-duplex capable.
0 = Not TX half-duplex capable.
Default value:
SPD100 && (ANEN || !DUPLEX).
RO
See
description
1.12
10BASE-T
Full-Duplex
1 = 10BASE-T full-duplex capable.
0 = Not 10BASE-T full-duplex capable.
Default value:
DUPLEX && (ANEN || !SPD100).
RO
See
description
1.11
10BASE-T
Half-Duplex
1 = 10BASE-T half-duplex capable.
0 = Not 10BASE-T half-duplex capable.
Default value:
ANEN || (!SPD100 && !DUPLEX).
RO
See
description
1.[10:7]
Reserved
–
RO
0000
1.6
MF Preamble
Suppression
The PHY is able to perform management transaction without MDIO
preamble. The management interface needs a minimum of 32 bits
of preamble after reset.
RO
1
1.5
ANEN
Complete
1 = Auto-negotiation process completed. Registers 4, 5, and 6 are
valid after this bit is set.
0 = Auto-negotiation process is not completed.
RO
0
1.4
Remote Fault
1 = Remote fault condition detected.
0 = No remote fault.
This bit remains set until it is cleared by reading register 1.
RO/LH
0
1.3
ANEN Ability
1 = Able to perform the auto-negotiation function; default value is
determined by the ANEN pin.
0 = Unable to perform the auto-negotiation function.
RO
Set by
ANEN
1.2
Link Status
1 = Link is established. If the link fails, this bit clears and remains
at 0 until the register is read again.
0 = Link is down.
RO/LL
0
1.1
Jabber Detect
1 = Jabber condition detected.
0 = No Jabber condition detected.
RO/LH
0
1.0
Extended
Capability
1 = Extended register capable. This bit is tied permanently to a
value of 1.
RO
1
Table 6: Register 1: Status Register (Cont.)
Bit
Name
Description
Mode
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com