Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5802-DS00-R Datasheet(PDF) 33 Page - Broadcom Corporation.

Part # 5802-DS00-R
Description  Single-Chip Security Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5802-DS00-R Datasheet(HTML) 33 Page - Broadcom Corporation.

Back Button 5802-DS00-R Datasheet HTML 29Page - Broadcom Corporation. 5802-DS00-R Datasheet HTML 30Page - Broadcom Corporation. 5802-DS00-R Datasheet HTML 31Page - Broadcom Corporation. 5802-DS00-R Datasheet HTML 32Page - Broadcom Corporation. 5802-DS00-R Datasheet HTML 33Page - Broadcom Corporation. 5802-DS00-R Datasheet HTML 34Page - Broadcom Corporation. 5802-DS00-R Datasheet HTML 35Page - Broadcom Corporation. 5802-DS00-R Datasheet HTML 36Page - Broadcom Corporation. 5802-DS00-R Datasheet HTML 37Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
Production Specification
■ BCM5802
07/03/02
B roa dcom Co rpo rat ion
Document
5802-DS03-405-R
Memory Structures
Page 25
Table 11:
RSA Public Key Command Context
Table 12:
RSA Private Key Command Context
MSB
LSB
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Operation Type
RSA Public Key Operation (0x03)
Total Command Context Structure Length
Modulus N Length
Exponent E Length
Modulus N - RSA keying material, (512, 768, 1024 bits, lowest word of key)
Modulus N - RSA keying material, (512, 768, 1024 bits, 2nd lowest word of key)
……
Modulus N - RSA keying material, (512, 768, 1024 bits, highest word of key)
Exponent E - RSA keying material, (lowest word of key)
Exponent E - RSA keying material, (2nd lowest word of key)
……
Exponent E - RSA keying material, (highest word of key)
MSB
LSB
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
Operation Type
RSA Private Key Operation with CRT (0x04)
Total Command Context Structure Length
Prime p Length
Prime q Length
Prime p - RSA keying material, (256, 384, 512 bits, lowest word of parameter)
Prime p - RSA keying material, (256, 384, 512 bits, 2nd lowest word of parameter)
……
Prime p - RSA keying material, (256, 384, 512 bits, highest word of parameter)
Prime q - RSA keying material, (256, 384, 512 bits, lowest word of parameter)
Prime q - RSA keying material, (256, 384, 512 bits, 2nd lowest word of parameter)
……
Prime q - RSA keying material, (256, 384, 512 bits, highest word of parameter)
CRT Private Exponent dp - RSA keying material, (256, 384, 512 bits, lowest word of parameter)
CRT Private Exponent dp - RSA keying material, (256, 384, 512 bits, 2nd lowest word of parameter)
……
CRT Private Exponent dp - RSA keying material, (256, 384, 512 bits, highest word of parameter)
CRT Private Exponent dq - RSA keying material, (256, 384, 512 bits, lowest word of parameter)
CRT Private Exponent dq - RSA keying material, (256, 384, 512 bits, 2nd lowest word of parameter)
……
CRT Private Exponent dq - RSA keying material, (256, 384, 512 bits, highest word of parameter)
CRT Coefficient pinv - RSA keying material, (256, 384, 512 bits, lowest word of parameter)
CRT Coefficient pinv - RSA keying material, (256, 384, 512 bits, 2nd lowest word of parameter)
……
CRT Coefficient pinv - RSA keying material, (256, 384, 512 bits, highest word of parameter)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com