Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5228-DS07-R Datasheet(PDF) 90 Page - Broadcom Corporation.

Part # 5228-DS07-R
Description  10/100BASE-TX/FX Octal Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5228-DS07-R Datasheet(HTML) 90 Page - Broadcom Corporation.

Back Button 5228-DS07-R Datasheet HTML 86Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 87Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 88Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 89Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 90Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 91Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 92Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 93Page - Broadcom Corporation. 5228-DS07-R Datasheet HTML 94Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 100 page
background image
BCM5228
Data Sheet
7/12/04
Broa d c om Co rp o r a t i o n
Page 78
Mechanical Information
Document
5228-DS09-405-R
Sectio n 9: Mech an ical In fo rmati on
Figure 12: 208-Pin PQFP Package
D1
D
E1
E
1
seating
plane
A
A1
A2
L
b
e
r 1
θ2
r 2
θ1
c
1. Drawings on this page are not to scale
2. All dimensions are in millimeters except where noted
3. Foot length "L" is measured at gage plane, 0.25mm above the seating plane
4. Seating plane is defined by three lowest lead tips
208-pin detail
θ3
θ4
h
Millimeter
Symbol
Min
Nom
Max
A
A1
A2
D
D1
E
E1
L
e
b
c
0.25
3.39
30.35
27.90
30.35
27.90
0.30
0.50 BSC
0.15
0.22
0.30
0.60
0.75
28.00
28.10
30.60
30.85
28.00
28.10
30.60
30.85
3.49
3.59
0.50
4.10
0.13
h
0.102
r
r
0.20
0.30
3
θ
1
θ
2
θ
4
θ
°
2
°
0
°
6
°
7
°
10
°
10
°
10
Notes:
1
2
0.37
0.23
0.08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com