Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5812-DS00-R Datasheet(PDF) 68 Page - Broadcom Corporation.

Part # 5812-DS00-R
Description  Security Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5812-DS00-R Datasheet(HTML) 68 Page - Broadcom Corporation.

Back Button 5812-DS00-R Datasheet HTML 64Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 65Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 66Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 67Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 68Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 69Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 70Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 71Page - Broadcom Corporation. 5812-DS00-R Datasheet HTML 72Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 84 page
background image
BCM5812
Advance Data Sheet
3/11/03
B roa dcom Co rpo rat ion
Page 60
DMA Control and Status Registers
Document
5812-DS01-405-R
30
RW
0
MCR2INT_EN - Enable interrupt per MCR for MCR2@. An interrupt is generated every
time an entire MCR completes processing. This is the preferred operational mode. Resets
to 0.
29
RW
0
MCR1INT_EN - Enable interrupt per MCR for MCR1@. An interrupt is generated every
time an entire MCR completes processing. This is the preferred operational mode. Resets
to 0.
28
RSVD
0
Reserved
27
RW
1
LE_CRYPTONET - Software structures in DMA memory (as seen from the PCI bus) are
in:
• 1 = little endian format.
• 0 = big endian format.
BCM5812 uses this bit to correctly interpret the appropriate structures in DMA memory
during the BCM5812 bus master operations. Optimally, this bit configuration should match
the endianess of the host CPU.
26
RW
1
NORMAL_PCI:
• 1 = Normal PCI mode.
• 0 = Swapped PCI mode; all PCI bus master memory data is internally byte-swapped by
the BCM5812.
Used for testing. This bit should normally be set to 1.
25
RW
0
DMAERR_EN - Enable interrupt upon DMA master access error.
24
RSVD
0
Reserved
23
RW
0
RNG_MODE
• 0 = 1 bit random number per one slow clock cycle.
• 1 = 1 bit random number per two slow clock cycles
22
RW
0
Modulus Normalization
• 0 = Modulus normalization is done by BCM5812. Software must not perform modulus
normalization function.
• 1 = Modulus normalization must be done by software.
Provided for backwards compatibility. Should always be 0.
21:17
RSVD
0
Reserved
16
RW
0
DMA Master Write Burst Size Select
• 0 = Master write burst size is 128 bytes.
• 1 = Master write burst size is 240 bytes.
15:0
RSVD
0
Reserved
DMA Status – 0x08
31
RO
0
Master access in progress. Resets to 0.
30
RO
0
MCR1_FULL flag = Master command address register is full. When this flag is 1, the CPU
must not write to the MCR1@ register. When this flag is 0, the CPU may write a value to
the MCR1@ register to request processing of a master command structure. Resets to 0.
29
RW
0
MCR1_INTR = Completion interrupt status of per-MCR interrupt for MCR1@. Cleared by
writing a 1 to this bit position. This bit accurately reflects processing status even if the
corresponding interrupt bit is disabled (in which case a PCI interrupt is not generated).
This bit is sticky until cleared explicitly. Resets to 0.
Table 21: DMA Control and Status Registers (Cont.)
Bits
Access
Reset
Purpose



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com