Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPC-8316SA-R5A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # HPC-8316SA-R5A1E
Description  3U Storage Chassis for ATX/EATX Serverboard with 16 Hot-swap Drive Bays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

HPC-8316SA-R5A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  HPC-8316SA-R5A1E Datasheet HTML 1Page - Advantech Co., Ltd. HPC-8316SA-R5A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm [inch]
HPC-8316
Ordering Information
Part Number
Chassis
Depth
Built-in PSU
Configuration
Front HDD
Backplane
Rear HDDs
(2 x 2.5")
Default
Rail Kit
Motherboard
Form-factor
Expansion Slots
HPC-8316SE-R8A1E
620mm
RPSU 800W
SAS12Gb/s
Hot-Swap
26”
EATX, ATX, uATX
x6*1 Full Height
HPC-8316SA-R5A1E
540mm
RPSU 550W
SAS12Gb/s
Hot-Swap
26”
ATX, uATX
x6*1 Full Height
HPC-8316TE-00A1E
620mm
-
SATA6Gb/s
Internal
26”
EATX, ATX, uATX
x6*2 Full Height
HPC-8316TA-00A1E
540mm
-
SATA6Gb/s
Internal
26”
ATX, uATX
x6*2 Full Height
Note 1: One slot will be occupied by SAS Raid card.
Note 2: One slot will be occupied by Advantech proprietary SATA HBA card.
Power Supply Options
Part Number
80 Plus Grade
Description
96PSR-A800WCR
Platinum
Redundant (1+1) 800W for HPC-8316TE
96PSR-A550W2U
Silver
Redundant (1+1) 550W for HPC-8316TA
PS8-500U2-XE
Bronze
Single 500W SPS for HPC-8316TA
Packing List
Item
Quantity
Slide Rail Kit
1
Optional Accessories
Part Number
Description
1700025064-01
Internal SAS cable (12G) SFF-8643 to SFF-8643, 60 cm
1700025065-01
Internal SAS cable (12G) SFF-8643 to SFF-8643, 85 cm
1700025439-01
Internal SAS cable (6G) SFF-8643 to SFF-8087, 60 cm
1700025440-01
Internal SAS cable (6G) SFF-8643 to SFF-8087, 85 cm
For SATA SKU
For SAS SKU
435 [17.13]
473.1 [18.63]
490.6 [19.31]
435 [17.13]
66 [2.60]
66 [2.60]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com