Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3C3453 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C3453
Description  BNC Male to BNC Female Cable Using RG188 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C3453 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C3453 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C3453 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C3453 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C3453 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: BNC Male
• Connector 2: BNC Female
• Cable Type: RG188
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
1,000
MHz
VSWR
1.4:1
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
50
100
250
500
1,000
MHz
Insertion Loss (Max.)
1.03
1.05
1.13
dB/ft
3.38
3.44
3.71
dB/m
Insertion Loss (Typ.)
0.225
0.25
0.325
dB/ft
0.74
0.82
1.07
dB/m
VSWR (Max.)
1.4:1
1.4:1
1.4:1
1.4:1
1.4:1
Return Loss (Max.)
15.56
15.563
15.563
15.563
15.563
dB
.
Mechanical Specifications
Cable Assembly
Diameter
0.57 in [14.48 mm]
.
Cable
Cable Type
RG188
Impedance
50 Ohms
Inner Conductor Type
Stranded
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Dielectric Type
PTFE
Number of Shields
1
Shield Layer 1
Silver Plated Copper Braid
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BNC Male to BNC Female Cable Using RG188 Coax PE3C3453
PE3C3453 REV 1.0
BNC Male to BNC Female Cable Using RG188 Coax
RF Cable Assemblies Technical Data Sheet
PE3C3453


Similar Part No. - PE3C3453

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C3453-12 PASTERNACK-PE3C3453-12 Datasheet
359Kb / 4P
BNC Male to BNC Female Cable 12 Inch Length Using RG188 Coax
PE3C3453-24 PASTERNACK-PE3C3453-24 Datasheet
359Kb / 4P
BNC Male to BNC Female Cable 24 Inch Length Using RG188 Coax
PE3C3453-36 PASTERNACK-PE3C3453-36 Datasheet
359Kb / 4P
BNC Male to BNC Female Cable 36 Inch Length Using RG188 Coax
PE3C3453-48 PASTERNACK-PE3C3453-48 Datasheet
360Kb / 4P
BNC Male to BNC Female Cable 48 Inch Length Using RG188 Coax
PE3C3453-60 PASTERNACK-PE3C3453-60 Datasheet
360Kb / 4P
BNC Male to BNC Female Cable 60 Inch Length Using RG188 Coax
More results

Similar Description - PE3C3453

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C2034 PASTERNACK-PE3C2034 Datasheet
363Kb / 4P
BNC Male to BNC Male Cable Using RG188 Coax
PE3C3399 PASTERNACK-PE3C3399 Datasheet
367Kb / 4P
BNC Male to BNC Female Bulkhead Cable Using RG188 Coax
PE3C3430 PASTERNACK-PE3C3430 Datasheet
354Kb / 4P
SMA Female to BNC Male Cable Using RG188 Coax
PE3C3453-12 PASTERNACK-PE3C3453-12 Datasheet
359Kb / 4P
BNC Male to BNC Female Cable 12 Inch Length Using RG188 Coax
PE3C3453-24 PASTERNACK-PE3C3453-24 Datasheet
359Kb / 4P
BNC Male to BNC Female Cable 24 Inch Length Using RG188 Coax
PE3C3453-36 PASTERNACK-PE3C3453-36 Datasheet
359Kb / 4P
BNC Male to BNC Female Cable 36 Inch Length Using RG188 Coax
PE3C3453-48 PASTERNACK-PE3C3453-48 Datasheet
360Kb / 4P
BNC Male to BNC Female Cable 48 Inch Length Using RG188 Coax
PE3C3453-60 PASTERNACK-PE3C3453-60 Datasheet
360Kb / 4P
BNC Male to BNC Female Cable 60 Inch Length Using RG188 Coax
PE3C3453-72 PASTERNACK-PE3C3453-72 Datasheet
359Kb / 4P
BNC Male to BNC Female Cable 72 InchLength Using RG188 Coax
PE3C3481 PASTERNACK-PE3C3481 Datasheet
363Kb / 4P
SMA Female Bulkhead to BNC Male Cable Using RG188 Coax
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com