Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASISD1905 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # ASISD1905
Description  HF/VHF POWER MOSFET N-Channel Enhancement Mode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

ASISD1905 Datasheet(HTML) 1 Page - Advanced Semiconductor

  ASISD1905 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25°C
NONE
SYMBOL
TEST CONDITIONS
MINIMUM
TYPICAL
MAXIMUM
UNITS
BVDSS
ID = 10 mA
65
V
IDSS
VDS = 28 V
VGS = 0 V
5.0
mA
IGSS
VDS = 0 V
VGS = 20 V
1.0
µµµµA
gfs
ID = 10 A
VDS = 10 V
.7
mohs
Ciss
Coss
Crss
VDS = 28 V
VGS = 0 V
f = 1.0 MHz
80
70
20
pF
PG
ηηηη
D
VDD = 28 V
IDQ = 25 mA
Pout = 45 W
f = 150 MHz
12
50
dB
%
HF/VHF POWER MOSFET
N-Channel Enhancement Mode
SD1905
DESCRIPTION:
The
ASI SD1905 is Designed for
General Purpose Class-A,B Power
Amplifier Applications up to 200 MHz.
FEATURES:
• P
G = 13 dB Typical at 200 MHz
• Common Source Configuration
• Omnigold™ Metalization System
MAXIMUM RATINGS
ID
8.4 A
V(BR)DSS
65 V
VDGR
65 V
VGS
± 20 V
PDISS
117 W @ TC = 25 °C
TJ
-65 °C to +200 °C
TSTG
-65 °C to +150 °C
θθθθ
JC
1.5 °C/W
PACKAGE STYLE .380 4L FLG
MINIMUM
inches / mm
.970 / 24.64
B
C
D
E
F
G
A
MAXIMUM
.385 / 9.78
.980 / 24.89
inches / mm
H
.160 / 4.06
.180 / 4.57
DIM
.220 / 5.59
.230 / 5.84
.105 / 2.67
.085 / 2.16
I
J
.240 / 6.10
.255 / 6.48
.785 / 19.94
F
B
G
.125
Ø.125 NOM.
FULL R
D
E
C
H
.112 x 45°
A
I
J
.004 / 0.10
.006 / 0.15
.280 / 7.11
.720 / 18.29
.730 / 18.54
S
S
D
G


Similar Part No. - ASISD1905

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
ASISD1006 ASI-ASISD1006 Datasheet
36Kb / 1P
NPN SILICON HIGH FREQUENCY TRANSISTOR
REV. A
ASISD1425 ASI-ASISD1425 Datasheet
26Kb / 2P
NPN SILICON RF POWER TRANSISTOR
ASISD1441 ASI-ASISD1441 Datasheet
28Kb / 1P
NPN SILICON RF POWER TRANSISTOR
ASISD1530-7 ASI-ASISD1530-7 Datasheet
19Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - ASISD1905

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
VFT150-50 ASI-VFT150-50 Datasheet
18Kb / 1P
VHF POWER MOSFET N-Channel Enhancement Mode
VFT30-50 ASI-VFT30-50 Datasheet
18Kb / 1P
VHF POWER MOSFET N-Channel Enhancement Mode
VFT5-28 ASI-VFT5-28 Datasheet
18Kb / 1P
VHF POWER MOSFET N-Channel Enhancement Mode
VFT5-28SL ASI-VFT5-28SL Datasheet
17Kb / 1P
VHF POWER MOSFET N-Channel Enhancement Mode
MRF172 ASI-MRF172 Datasheet
15Kb / 1P
VHF POWER MOSFET N-Channel Enhancement Mode
DV2805 ASI-DV2805 Datasheet
15Kb / 1P
VHF POWER MOSFET N-Channel Enhancement Mode
HFT150-50 ASI-HFT150-50 Datasheet
22Kb / 1P
N-Channel Enhancement Mode HF POWER MOSFET
MRF138 ASI-MRF138 Datasheet
18Kb / 1P
N-Channel Enhancement Mode VHF POWER MOSFET
MRF148A ASI-MRF148A Datasheet
42Kb / 1P
N-Channel Enhancement Mode VHF POWER MOSFET
VFT30-28 ASI-VFT30-28 Datasheet
42Kb / 2P
N-Channel Enhancement Mode VHF POWER MOSFET
REV. B
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com