Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCL101B Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # MCL101B
Description  SMD Small Signal Schottky Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MCL101B Datasheet(HTML) 2 Page - Diotec Semiconductor

  MCL101B Datasheet HTML 1Page - Diotec Semiconductor MCL101B Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MCL101B ... MCL101C
Characteristics
Kennwerte
MCL101B
MCL101C
Forward voltage
Durchlass-Spannung
1
)
Tj = 25°C
IF =
1 mA
15 mA
VF
< 0.40 V
< 0.95 V
< 0.39 V
< 0.90 V
Leakage current
Sperrstrom
1)
Tj = 25°C
VR =
30 V
40 V
IR
–
< 200 nA
< 200 nA
–
Typical junction capacitance
Typische Sperrschichtkapazität
VR = 0 V, f = 1 Mhz
Cj
2.1 pF
2.2 pF
Reverse recovery time
Sperrverzug
IF = 5 mA through/über
IR = 5 mA to IR = 0.5 mA
trr
typ. 1 ns
Thermal resistance junction to ambient
Wärmewiderstand Sperrschicht – Umgebung
RthA
< 300 K/W 2)
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
1
Tested with pulses tp = 300 µs, duty cycle ≤ 2%
Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
2
Mounted with 3 mm2 copper pads at each terminal
Montage mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
V
F
[V] 1.4
1.0
0.8
0.6
0.4
0
[A]
I
F
10-4
10-3
10
-2
10
-1
1
T = 25°C
j
120
100
80
60
40
20
0
[%]
[°C]
T
A
150
100
50
0
P
tot
Power dissipation versus ambient temperature )
2
Verlustleistung in Abh. von d. Umgebungstemp. )
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com