Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3C3462 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C3462
Description  White FAKRA Jack to BNC Male Cable Using RG174 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C3462 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C3462 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C3462 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C3462 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C3462 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: FAKRA Jack
• Connector 2: BNC Male
• Cable Type: RG174
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
1,000
MHz
VSWR
1.4:1
Velocity of Propagation
66
%
Capacitance
31.1 [102.03]
pF/ft [pF/m]
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
50
100
250
500
1,000
MHz
Insertion Loss (Max.)
1.04
1.08
1.14
1.21
1.32
dB/ft
3.41
3.54
3.74
3.97
4.33
dB/m
Insertion Loss (Typ.)
0.242
0.284
0.337
0.412
0.52
dB/ft
0.79
0.93
1.11
1.35
1.71
dB/m
VSWR (Max.)
1.4:1
1.4:1
1.4:1
1.4:1
1.4:1
Return Loss (Max.)
15.56
15.563
15.563
15.563
15.563
dB
.
Mechanical Specifications
Cable Assembly
Diameter
0.57 in [14.48 mm]
.
Cable
Cable Type
RG174
Impedance
50 Ohms
Inner Conductor Type
Stranded
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: White FAKRA Jack to BNC Male Cable Using RG174 Coax PE3C3462
PE3C3462 REV
White FAKRA Jack to BNC Male Cable Using RG174 Coax
RF Cable Assemblies Technical Data Sheet
PE3C3462


Similar Part No. - PE3C3462

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C3400 PASTERNACK-PE3C3400 Datasheet
364Kb / 4P
TNC Male to BNC Male Cable Using RG174 Coax
PE3C3400-12 PASTERNACK-PE3C3400-12 Datasheet
361Kb / 4P
TNC Male to BNC Male Cable 12 Inch Length Using RG174 Coax
PE3C3400-24 PASTERNACK-PE3C3400-24 Datasheet
361Kb / 4P
TNC Male to BNC Male Cable 24 Inch Length Using RG174 Coax
PE3C3400-36 PASTERNACK-PE3C3400-36 Datasheet
361Kb / 4P
TNC Male to BNC Male Cable 36 Inch Length Using RG174 Coax
PE3C3400-48 PASTERNACK-PE3C3400-48 Datasheet
361Kb / 4P
TNC Male to BNC Male Cable 48 Inch Length Using RG174 Coax
More results

Similar Description - PE3C3462

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C2295 PASTERNACK-PE3C2295 Datasheet
365Kb / 4P
BNC Male to BNC Male Cable Using RG174 Coax
PE3C3260 PASTERNACK-PE3C3260 Datasheet
400Kb / 4P
Water Blue FAKRA Jack to BNC Male Cable Using RG174 Coax
PE3C3325 PASTERNACK-PE3C3325 Datasheet
363Kb / 4P
BNC Male to BNC Female Cable Using RG174 Coax
PE3C3328 PASTERNACK-PE3C3328 Datasheet
364Kb / 4P
SMA Male to BNC Male Cable Using RG174 Coax
PE3C3435 PASTERNACK-PE3C3435 Datasheet
359Kb / 4P
SMB Jack Bulkhead to BNC Male Cable Using RG174 Coax
PE3C3445 PASTERNACK-PE3C3445 Datasheet
357Kb / 4P
QMA Male to BNC Male Cable Using RG174 Coax
PE3C3454 PASTERNACK-PE3C3454 Datasheet
398Kb / 4P
Black FAKRA Plug to BNC Male Cable Using RG174 Coax
PE3C3455 PASTERNACK-PE3C3455 Datasheet
398Kb / 4P
White FAKRA Plug to BNC Male Cable Using RG174 Coax
PE3C3456 PASTERNACK-PE3C3456 Datasheet
399Kb / 4P
Blue FAKRA Plug to BNC Male Cable Using RG174 Coax
PE3C3457 PASTERNACK-PE3C3457 Datasheet
398Kb / 4P
Violet FAKRA Plug to BNC Male Cable Using RG174 Coax
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com