Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE91087 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91087
Description  Reverse Polarity TNC Female to BNC Male Adapter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91087 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91087 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91087 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91087 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE91087 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• TNC Female Reverse Polarity Connector 1
• BNC Male Connector 2
• 50 Ohms
• Straight Body Geometry
Features
• TNC Interface compliant with MIL-STD-348
• BNC Interface compliant with MIL-STD-348
• Gold over Nickel Plated Brass Contact
• Contact Plating per MIL-G-45204
Applications
• Allows Connection Between Series
• General Purpose Test
.
Description
Pasternack’s PE91087 reverse polarity TNC female to BNC male adapter is part of our full line of RF components available for
same-day shipping. Our reverse polarity TNC to BNC adapter has a female to male gender configuration. PE91087 reverse
polarity TNC female to BNC male adapter operates to 4 GHz.
RF adapters are often used to enable connections between two connector types that would otherwise not mate. Certain
adapter configurations can also be used to protect connectors on expensive equipment where the number of connect/
disconnect cycles is high. An RF, microwave or millimeter wave adapter is connected to the equipment, and the commonly
changed connection is made with the adapter which can be easily replaced when it wears out after high usage; such adapters
are referred to as connector savers. Pasternack also offers bulkhead, panel mount, hermetically sealed, reverse polarity, and
isolated ground adapter varieties to serve all of your RF, microwave and millimeter wave needs.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
4
GHz
Operating Voltage (AC)
500
Vrms
Dielectric Withstanding Voltage (AC)
1,500
Vrms
Insulation Resistance
5,000
MOhms
. .
Electrical Specification Notes:
Values at 25°C, sea level.
Mechanical Specifications
Size
Length
1.22 in [30.99 mm]
Width
0.56 in [14.22 mm]
Weight
0.036 lbs [16.33 g]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Reverse Polarity TNC Female to BNC Male Adapter PE91087
PE91087 REV 1.1
Reverse Polarity TNC Female to BNC Male Adapter
PE91087
RF Adapters Technical Data Sheet


Similar Part No. - PE91087

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9108 PASTERNACK-PE9108 Datasheet
237Kb / 2P
Bulkhead SMC Jack to BNC Female Adapter
PE91080 PASTERNACK-PE91080 Datasheet
432Kb / 4P
75 Ohm TNC Male to F Female Adapter
PE91081 PASTERNACK-PE91081 Datasheet
242Kb / 3P
75 Ohm TNC Male to F Male Adapter
PE91082 PASTERNACK-PE91082 Datasheet
243Kb / 3P
75 Ohm TNC Female to F Female Adapter
PE91083 PASTERNACK-PE91083 Datasheet
359Kb / 4P
75 Ohm TNC Female to F Male Adapter
More results

Similar Description - PE91087

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9529 PASTERNACK-PE9529 Datasheet
240Kb / 2P
BNC Female to Reverse Polarity BNC Male Adapter
PE9530 PASTERNACK-PE9530 Datasheet
242Kb / 2P
BNC Male to Reverse Polarity BNC Female Adapter
PE9531 PASTERNACK-PE9531 Datasheet
247Kb / 2P
TNC Female to Reverse Polarity TNC Male Adapter
PE9532 PASTERNACK-PE9532 Datasheet
240Kb / 2P
TNC Male to Reverse Polarity TNC Female Adapter
PE9596 PASTERNACK-PE9596 Datasheet
242Kb / 2P
Reverse Polarity SMA Male to TNC Female Adapter
PE9598 PASTERNACK-PE9598 Datasheet
254Kb / 2P
Reverse Polarity SMA Female to TNC Male Adapter
PE9602 PASTERNACK-PE9602 Datasheet
248Kb / 2P
SMA Female to Reverse Polarity TNC Male Adapter
PE9604 PASTERNACK-PE9604 Datasheet
242Kb / 2P
Reverse Polarity SMA Male to Reverse Polarity TNC Female Adapter
PE9607 PASTERNACK-PE9607 Datasheet
255Kb / 2P
Reverse Polarity SMA Female to Reverse Polarity TNC Male Adapter
PE9918 PASTERNACK-PE9918 Datasheet
251Kb / 3P
Precision Reverse Polarity TNC Male to Reverse Polarity TNC Female Right Angle Adapter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com