Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3C3993-24 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3C3993-24
Description  Snap-On MMBX Plug to N Female Bulkhead Cable 24 Inch Length Using RG178 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C3993-24 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3C3993-24 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C3993-24 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C3993-24 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C3993-24 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
0.1
0.25
0.5
1
3
GHz
Insertion Loss (Max.)
0.48
0.64
0.83
1.09
1.77
dB
.
Mechanical Specifications
Cable Assembly
Length*
24 in [609.6 mm]
.
Cable
Cable Type
RG178
Impedance
50 Ohms
Inner Conductor Type
Stranded
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Dielectric Type
PTFE
Number of Shields
1
Shield Layer 1
Silver Plated Copper Braid
Jacket Material
FEP, Tan
Jacket Diameter
0.072 in [1.83 mm]
.
Repeated Minimum Bend Radius
0.4 in [10.16 mm]
Connectors
Description
Connector 1
Connector 2
Type
MMBX Plug
N Female Bulkhead
Impedance
50 Ohms
50 Ohms
Connection Method
Snap-On
Mating Cycles
100
Contact Material and Plating
Beryllium Copper, Gold
Dielectric Type
PTFE
Outer Conductor Material and Plating
Brass, Gold
Body Material and Plating
Brass, Gold
Brass, Nickel
.
Mechanical Specification Notes:
*All cable assemblies have a length tolerance of 1.5% or ± 3/8”, whichever is greater.
PE3C3993-24 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: Snap-On MMBX Plug to N Female Bulkhead Cable 24 Inch Length Using RG178 Coax
PE3C3993-24
RF Cable Assemblies Technical Data Sheet
PE3C3993-24
Snap-On MMBX Plug to N Female Bulkhead
Cable 24 Inch Length Using RG178 Coax



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com