Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS120-7SFP Datasheet(PDF) 4 Page - STMicroelectronics

Part # ACS120-7SFP
Description  AC LINE SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS120-7SFP Datasheet(HTML) 4 Page - STMicroelectronics

  ACS120-7SFP Datasheet HTML 1Page - STMicroelectronics ACS120-7SFP Datasheet HTML 2Page - STMicroelectronics ACS120-7SFP Datasheet HTML 3Page - STMicroelectronics ACS120-7SFP Datasheet HTML 4Page - STMicroelectronics ACS120-7SFP Datasheet HTML 5Page - STMicroelectronics ACS120-7SFP Datasheet HTML 6Page - STMicroelectronics ACS120-7SFP Datasheet HTML 7Page - STMicroelectronics ACS120-7SFP Datasheet HTML 8Page - STMicroelectronics ACS120-7SFP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ACS120-7SB/SFP/ST
4/11
The ACS120 device is well adapted to Washing machine, dishwasher, tumble drier, refrigerator,
air-conditioning systems, and cookware. It has been designed especially to switch on & off low power loads
such as solenoid, valve, relay, dispenser, micro-motor, pump, fan and defrost heaters.
Pin COM: Common drive reference to connect to the power line neutral
Pin G: Switch Gate input to connect to the digital controller
Pin OUT: Switch Output to connect to the load
This ACS™ switch is triggered with a negative gate current flowing out of the gate pin G. It can be driven di-
rectly by the digital controller through a resistor as shown on the typical application diagram.
Thanks to its thermal and turn off commutation performances, the ACS120 switch is able to drive with no
turn off additional snubber an inductive load up to 2 A.
AC LINE SWITCH BASIC APPLICATION
OUT
ACS120
COM
G
S
D
ON
ST72 MCU
N
AC
MAINS
L
R
- Vcc
L
M
LOAD
TYPICAL APPLICATION DIAGRAM
At the end of the last conduction half-cycle, the load current reaches the holding current level IH , and the
ACS™ switch turns off. Because of the inductance L of the load, the current flows then through the ava-
lanche diode D and decreases linearly to zero. During this time, the voltage across the switch is limited to
the clamping voltage VCL.
The energy stored in the inductance of the load depends on the holding current IH and the inductance (up
to 10 H); it can reach about 10 mJ and is dissipated in the clamping diode section. The ACS switch sustains
the turn off energy because its clamping section is designed for that purpose.
HIGH INDUCTIVE SWITCH-OFF OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com