Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM8611LABKS-RL Datasheet(PDF) 7 Page - Analog Devices

Part # ADM8611LABKS-RL
Description  Low-Voltage Manual Reset & Watchdog Supervisory Circuits in 4-Lead SC70
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8611LABKS-RL Datasheet(HTML) 7 Page - Analog Devices

  ADM8611LABKS-RL Datasheet HTML 1Page - Analog Devices ADM8611LABKS-RL Datasheet HTML 2Page - Analog Devices ADM8611LABKS-RL Datasheet HTML 3Page - Analog Devices ADM8611LABKS-RL Datasheet HTML 4Page - Analog Devices ADM8611LABKS-RL Datasheet HTML 5Page - Analog Devices ADM8611LABKS-RL Datasheet HTML 6Page - Analog Devices ADM8611LABKS-RL Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Preliminary Technical Data
ADM8611/ADM8616/ADM8617/ADM8618
Rev. PrA | Page 7 of 7
ORDERING GUIDE (ADM8617/ADM8618)
1 Entries in bold type are standard models. Contact factory for availability of non-standard models.
Model
Reset Threshold (V)
Temperature Range
Quantity
Package Type
Branding
ADM8617LACYKS-RL
4.63
-40°C to +85°C
10k
SC70-4
N0H
ADM8617LACYKS-RL7
4.63
-40°C to +85°C
3k
SC70-4
N0H
ADM8617MACYKS-RL
4.38
-40°C to +85°C
10k
SC70-4
N0H
ADM8617MACYKS-RL7
4.38
-40°C to +85°C
3k
SC70-4
N0H
ADM8617TACYKS-RL
3.08
-40°C to +85°C
10k
SC70-4
N0H
ADM8617TACYKS-RL7
3.08
-40°C to +85°C
3k
SC70-4
N0H
ADM8617SACYKS-RL
2.93
-40°C to +85°C
10k
SC70-4
N0H
ADM8617SACYKS-RL7
2.93
-40°C to +85°C
3k
SC70-4
N0H
ADM8617RACYKS-RL
2.63
-40°C to +85°C
10k
SC70-4
N0H
ADM8617RACYKS-RL7
2.63
-40°C to +85°C
3k
SC70-4
N0H
ADM8617ZACYKS-RL
2.32
-40°C to +85°C
10k
SC70-4
N0H
ADM8617ZACYKS-RL7
2.32
-40°C to +85°C
3k
SC70-4
N0H
ADM8617YACYKS-RL
2.19
-40°C to +85°C
10k
SC70-4
N0H
ADM8617YACYKS-RL7
2.19
-40°C to +85°C
3k
SC70-4
N0H
ADM8617WACYKS-RL
1.67
-40°C to +85°C
10k
SC70-4
N0H
ADM8617WACYKS-RL7
1.67
-40°C to +85°C
3k
SC70-4
N0H
ADM8617VACYKS-RL
1.58
-40°C to +85°C
10k
SC70-4
N0H
ADM8617VACYKS-RL7
1.58
-40°C to +85°C
3k
SC70-4
N0H
ADM8618LACYKS-RL
4.63
-40°C to +85°C
10k
SC70-4
N0J
ADM8618LACYKS-RL7
4.63
-40°C to +85°C
3k
SC70-4
N0J
ADM8618MACYKS-RL
4.38
-40°C to +85°C
10k
SC70-4
N0J
ADM8618MACYKS-RL7
4.38
-40°C to +85°C
3k
SC70-4
N0J
ADM8618TACYKS-RL
3.08
-40°C to +85°C
10k
SC70-4
N0J
ADM8618TACYKS-RL7
3.08
-40°C to +85°C
3k
SC70-4
N0J
ADM8618SACYKS-RL
2.93
-40°C to +85°C
10k
SC70-4
N0J
ADM8618SACYKS-RL7
2.93
-40°C to +85°C
3k
SC70-4
N0J
ADM8618RACYKS-RL
2.63
-40°C to +85°C
10k
SC70-4
N0J
ADM8618RACYKS-RL7
2.63
-40°C to +85°C
3k
SC70-4
N0J
ADM8618ZACYKS-RL
2.32
-40°C to +85°C
10k
SC70-4
N0J
ADM8618ZACYKS-RL7
2.32
-40°C to +85°C
3k
SC70-4
N0J
ADM8618YACYKS-RL
2.19
-40°C to +85°C
10k
SC70-4
N0J
ADM8618YACYKS-RL7
2.19
-40°C to +85°C
3k
SC70-4
N0J
ADM8618WACYKS-RL
1.67
-40°C to +85°C
10k
SC70-4
N0J
ADM8618WACYKS-RL7
1.67
-40°C to +85°C
3k
SC70-4
N0J
ADM8618VACYKS-RL
1.58
-40°C to +85°C
10k
SC70-4
N0J
ADM8618VACYKS-RL7
1.58
-40°C to +85°C
3k
SC70-4
N0J
© 2004 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective companies.
Printed in the U.S.A.
PR04795-0-3/04(PrA)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com