Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS101 Datasheet(PDF) 1 Page - Lumileds Lighting Company

Part # CS101
Description  New Rijksmuseum is largest gallery space ever lit by LEDs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

CS101 Datasheet(HTML) 1 Page - Lumileds Lighting Company

  CS101 Datasheet HTML 1Page - Lumileds Lighting Company CS101 Datasheet HTML 2Page - Lumileds Lighting Company CS101 Datasheet HTML 3Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CASE STUDY
CS101 Amsterdam Welcomes New Age in Museum Lighting Case Study ©2015 Lumileds Holding B.V. All rights reserved.
Amsterdam Welcomes
New Age in Museum
Lighting
New Rijksmuseum is largest gallery space
ever lit by LEDs
Choice of Philips LED lighting ensures beauty
and preservation for decades to come
Challenge
The Rijksmuseum in Amsterdam, the Netherlands, is the national museum and home to
master works of art from artists including Rembrandt, Vermeer and Van Gogh. It is one
of the largest museums in the world, spanning 9,500 square meters and showcasing
7,500 works from the Middle Ages to the present. As part of a top-to-bottom renovation,
the lighting was redesigned with an eye toward art preservation and achieving the
quality of light that would best enhance the viewer experience. The goal was to mimic
the color rendition of natural daylight throughout the museum, atrium, café and all other
public spaces using LED lighting. It also became important, as Philips worked with the
Rijksmuseum and other project partners, to optimize spotlights to bring out the unique
features of each work of art — a task best accomplished using LED lighting.
Solution
Artwork in galleries has traditionally been lit using halogen lighting. However, halogens
tend to be very good at rendering reds and yellows but less efficient at rendering blues
and greens. Halogen light also tends to become redder upon dimming. LEDs do not
suffer from these limitations.
On the artwork, the LED solution from Lumileds uses LUXEON S LEDs in warm white
(3000K) with very high color rendering index (95) to bring out all colors of the spectrum
— rendering the pinks, reds, ochres, yellows, greens and blues brilliantly. The LEDs
emit uniform light that is safe for the artwork and meets international criteria for the
conservation of art.
Suspended light racks from the original museum were upgraded by interior designers
Wilmotte & Associes in partnership with Philips, consultant Arup and engineering firm
Bronnenberg. To achieve a minimalist design on the racks, the Philips StyllD fixture was
Summary
Customized lighting by Philips proved
to be the right choice for the new
Rijksmuseum, a renovation project
driven by art preservation and viewer
connection. Highlights include:
• Warm white (3000K) LUXEON S
LEDs with CRI of 95 deliver precise
rendering across the spectrum
• No UV radiation and little heat
from fixtures, minimizing damage
to artwork
• DALI control and fixture dimming
via an iPad
• Upgrade-ability using Zhaga-
compliant LED modules


Similar Part No. - CS101

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
CS101 FUJITSU-CS101 Datasheet
102Kb / 8P
Standard Cell
CS101 FUJITSU-CS101 Datasheet
88Kb / 12P
Standard Cell
logo
SynQor Worldwide Headqu...
CS101 SYNQOR-CS101 Datasheet
2Mb / 9P
All capacitors are X7R multi-layer ceramic
logo
DFI Inc
CS101-C246 DFI-CS101-C246 Datasheet
1Mb / 2P
9th/8th Gen Intel® CoreTM Processor Thin Mini-ITX
CS101-Q370 DFI-CS101-Q370 Datasheet
1Mb / 2P
9th/8th Gen Intel® CoreTM Processor Thin Mini-ITX
More results

Similar Description - CS101

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AND8058 ONSEMI-AND8058 Datasheet
26Kb / 4P
Two New Analog Switches Set Standards for Space Efficiency
April, 2001 ??Rev. 0
logo
Gamewell-FCI by Honeywe...
M08 GAMEWELL-FCI-M08 Datasheet
89Kb / 1P
Mini-Annunciators Back-Lit
logo
LUMEX INC.
SSB-DL2917USBC LUMEX-SSB-DL2917USBC Datasheet
53Kb / 1P
34mm x 21mm EDEF LIT LED BACKLIGHT, 470m BLUE LEDS, CLEAR REFLECTOR
logo
STMicroelectronics
AN4390 STMICROELECTRONICS-AN4390 Datasheet
1Mb / 14P
The UPS is gaining ever increasing importance
26-Nov-2013
AN2282 STMICROELECTRONICS-AN2282 Datasheet
164Kb / 19P
With the ever-increasing success
23-Feb-2006
logo
List of Unclassifed Man...
701269-6WLA2-MB ETC2-701269-6WLA2-MB Datasheet
374Kb / 2P
Everyday standard face lit solutions
701269-WVLL-MB ETC2-701269-WVLL-MB Datasheet
362Kb / 1P
Everyday standard face lit solutions
636 ETC2-636 Datasheet
61Kb / 1P
Bright back lit LCD
logo
Laird Tech Smart Techno...
800-MHZ LSTD-800-MHZ Datasheet
415Kb / 1P
No adjustments ever needed
logo
LUMEX INC.
SSB-CEL2718UWW LUMEX-SSB-CEL2718UWW Datasheet
109Kb / 1P
Custom Edge LIT, LED BACKLIGHT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com