Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS109 Datasheet(PDF) 2 Page - Lumileds Lighting Company

Part # CS109
Description  SlimStyle Bulb Exceeds Expectations
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

CS109 Datasheet(HTML) 2 Page - Lumileds Lighting Company

  CS109 Datasheet HTML 1Page - Lumileds Lighting Company CS109 Datasheet HTML 2Page - Lumileds Lighting Company CS109 Datasheet HTML 3Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CS109 SlimStyle Bulb Exceeds Expectations 20160226 ©2016 Lumileds Holding B.V. All rights reserved.
2
Solution
The SlimStyle lamp features a novel design that not only
improves its efficiency and look, but makes it more affordable
for consumers. The design advances include an innovative
heat sinking approach, a new optical housing, and use of
Lumileds mid power LEDs that deliver the highest lumen
output per Watt.
Benefits
The SlimStyle bulb can be offered to consumers at an
attractive price point due to its advanced design and overall
reduction in complexity. The 10.5W lamp uses 85% less
energy than an incandescent bulb and meets Energy Star
requirements.
The robust lamp design, despite its light weight of only 2.2oz.
(63g), is representative of the quality that customers have
come to expect of Philips. And the reliability of Lumileds
LUXEON 3020 and LUXEON 3535L mid power LEDs means
the lamps will provide color consistency both from LED to LED
in the lamp, but also from one lamp to another.
SlimStyle lamps are light, use fewer components than prior
lamp generation and are shipped in less packaging per lamp.
Through recycling and zero use of harmful materials such
as the mercury found in CFLs, consumers can choose an
environmentally friendly solution for everyday lighting needs.
Results
The warm white SlimStyle bulb is light, sleek and produces 800
lumens at 2700K and a CRI of 80 while drawing only 10.5W.
It is rated for 25,000 hours of life, or 22 years at 3 hours of
operation per day. The lamp is also available in cool white
(5000K) and is commercialized in multiple markets around the
world. Customers can truly achieve the expected benefits of
energy efficiency, long life and affordability today in a newly
designed, stylish bulb.
“We’ve been able to drastically reduce the cost and weight of LED lighting for the
consumer market by designing a unique plastic housing that functions both as
optical element and conductive heat sink.”
— Joseph Fey
Integral Project Manager, Philips Product Development Director



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com