Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS116 Datasheet(PDF) 2 Page - Lumileds Lighting Company

Part # CS116
Description  In Milan, Sustainable Lighting is for Life
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

CS116 Datasheet(HTML) 2 Page - Lumileds Lighting Company

  CS116 Datasheet HTML 1Page - Lumileds Lighting Company CS116 Datasheet HTML 2Page - Lumileds Lighting Company CS116 Datasheet HTML 3Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CS116 In Milan, Sustainable Lighting is for Life Case Study 20150528 ©2015 Lumileds Holding B.V. All rights reserved.
2
Solution
Following the bidding and evaluation process, Milan’s regional
energy supplier, A2A S.p.A., awarded the lighting contract to
AEC Illuminazione. Because AEC’s Italo fixtures all incorporate
a flexible optical design and a wide range of optics, only three
fixtures were needed to address the entire project. AEC’s
Italo 1 and Italo 2 fixtures were used for Milan’s highways and
residential roadways (two sizes), while the Italo 2 Urban fixture
in suspended versions addressed the needs of city centers.
AEC chose to partner with Lumileds for the outstanding
performance and reliability of its LED technology. In particular,
LUXEON M multi-die LEDs were chosen because of their
combination of outstanding flux and efficacy at a reasonable
cost. The LED light is natural, with a cool white color
temperature 4000k and a minimum color rendering index
of 70, which is a vast improvement over HID sources that
average around 20.
In terms of upgradeability, the Italo luminaire design features
immediate access to the LED PCB once the unit is opened via
a tool-less latch. The LED heat sink is built into the hood of the
luminaire and also acts to move water away from the fixture.
Once lumen maintenance levels are met (LM-80 of 75,000
hours), the LED platform is designed for upgradeability using
the existing fixture.
“Residents and visitors walking the streets
of Milan are gazing at the beauty of a
historic city invigorated by lighting that
meets all the aesthetic, environmental
and sustainability expectations of the
21st century.”
— Alessandro Cini
CEO, AEC
Results and Benefits
The implementation of LED lighting on highways and in its
urban areas has helped Milan become a more modern,
efficient and sustainable city. The replacement of 100,000
HID lamps with Italo luminaires enabled a 51.8% reduction in
energy consumption, from 144 kWhr to 55 kWh. The average
energy use per lamp dropped by half, from 150W with HID
sources to 75W per LED luminaire, which is expected to
amount to a 10 million euro savings ($11.3 M) in the first year
alone. Beyond the energy savings, Milan officials estimate
they will reduce their overall operating cost by 30% in lighting
maintenance cost.
Each year, Milan is expected to dispose of 60,000 fewer
HID bulbs compared to previous years, which equates to
the reduction of nine tons of RAEE refuse. The city is also
expected to release 23,650 fewer tons of greenhouse gases
annually. AEC’s Italo fixtures are warranted for five years and
the LUXEON M LEDs have an expected lifetime of 100,000
hours (LM70) or 22 years with 12 hours of use per day. This
sustainable LED solution trumps HID bulbs, which require
replacement every 2-3 years.
Other positive benefits experienced by Milan include vastly
improved safety and well being of its residents and visitors
due to exceptional visibility with LED lighting. Light quality
is far superior to that of its predecessors and it is delivered
where and when it is needed. The new Italo luminaires by
AEC have completely changed the urban landscape of the
city, yet still fully comply with European and U.S. standards
on light pollution. As the largest LED lighting installation in
Europe to date, this project with AEC Italo series luminaires
using LUXEON M LEDs signifies an important step towards
more sustainable lighting in Europe—achieving energy
efficiency, cost reduction and lighting performance all
without compromising the beauty and charm of Milan’s
outdoor spaces.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com