Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1663KV18 Datasheet(PDF) 16 Page - Cypress Semiconductor

Part # CY7C1663KV18
Description  144-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1663KV18 Datasheet(HTML) 16 Page - Cypress Semiconductor

Back Button CY7C1663KV18 Datasheet HTML 12Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 13Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 14Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 15Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 16Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 17Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 18Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 19Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 20Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
Document Number: 001-44060 Rev. *O
Page 16 of 31
CY7C1663KV18/CY7C1665KV18
TAP AC Switching Characteristics
Over the Operating Range
Parameter [19, 20]
Description
Min
Max
Unit
tTCYC
TCK clock cycle time
50
–
ns
tTF
TCK clock frequency
–
20
MHz
tTH
TCK clock high
20
–
ns
tTL
TCK clock low
20
–
ns
Setup Times
tTMSS
TMS setup to TCK clock rise
5
–
ns
tTDIS
TDI setup to TCK clock rise
5
–
ns
tCS
Capture setup to TCK rise
5
–
ns
Hold Times
tTMSH
TMS hold after TCK clock rise
5
–
ns
tTDIH
TDI hold after clock rise
5
–
ns
tCH
Capture hold after clock rise
5
–
ns
Output Times
tTDOV
TCK clock low to TDO valid
–
10
ns
tTDOX
TCK clock low to TDO invalid
0
–
ns
Notes
19. tCS and tCH refer to the setup and hold time requirements of latching data from the boundary scan register.
20. Test conditions are specified using the load in TAP AC Test Conditions. tR/tF = 1 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com