Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT8375EPF Datasheet(PDF) 2 Page - Synaptics Incorporated.

Part # BT8375EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8375EPF Datasheet(HTML) 2 Page - Synaptics Incorporated.

  BT8375EPF Datasheet HTML 1Page - Synaptics Incorporated. BT8375EPF Datasheet HTML 2Page - Synaptics Incorporated. BT8375EPF Datasheet HTML 3Page - Synaptics Incorporated. BT8375EPF Datasheet HTML 4Page - Synaptics Incorporated. BT8375EPF Datasheet HTML 5Page - Synaptics Incorporated. BT8375EPF Datasheet HTML 6Page - Synaptics Incorporated. BT8375EPF Datasheet HTML 7Page - Synaptics Incorporated. BT8375EPF Datasheet HTML 8Page - Synaptics Incorporated. BT8375EPF Datasheet HTML 9Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 323 page
background image
N8370DSE
Conexant
Information provided by Conexant Systems, Inc. (Conexant) is believed to be accurate and reliable. However, no responsibility is
assumed by Conexant for its use, nor any infringement of patents or other rights of third parties which may result from its use. No
license is granted by implication or otherwise under any patent rights of Conexant other than for circuitry embodied in Conexant
products. Conexant reserves the right to change circuitry at any time without notice. This document is subject to change without
notice.
Conexant and “What’s Next in Communications Technologies” are trademarks of Conexant Systems, Inc.
Product names or services listed in this publication are for identification purposes only, and may be trademarks or registered
trademarks of their respective companies. All other marks mentioned herein are the property of their respective holders.
© 1999 Conexant Systems, Inc.
Printed in U.S.A.
All Rights Reserved
Reader Response: To improve the quality of our publications, we welcome your feedback. Please send comments or
suggestions via e-mail to Conexant Reader Response@conexant.com. Sorry, we can't answer your technical
questions at this address. Please contact your local Conexant sales office or applications engineer if you have
technical questions.
Bt8370EVM—Bt8370 Evaluation Module, Quad T1/E1 ISDN PRI Board
Ordering Information
An evaluation module is available and provides a convenient platform to test and evaluate Bt8370 performance and fea-
tures. The Bt8370EVM provides up to four T1/E1 transceivers, all necessary line interface circuitry for T1 and E1 con-
nections, and a simple RS232 serial user interface for setting device parameters and displaying status information on
any VT100 compatible terminal. Contact the local sales representative for ordering information and pricing.
Model Number
Package
Operating Temperature
Reduced Features(1)
Bt8370EPF
80-Pin MQFP
–40 to 85 °C
none
Bt8370KPF
80-Pin MQFP
0 to 70 °C
none
Bt8375EPF
80-Pin MQFP
–40 to 85 °C
Short-Haul
Bt8375KPF
80-Pin MQFP
0 to 70 °C
Short-Haul
Bt8376EPF
80-Pin MQFP
–40 to 85 °C
Short-Haul, No CLAD output
Bt8376KPF
80-Pin MQFP
0 to 70 °C
Short-Haul, No CLAD output
NOTE(S):
(1) Cost reduced Bt8375 and Bt8376 are pin and register-compatible versions of Bt8370 with reduced features. Contact the local
sales representative for ordering information and pricing.
Bt8370
Local PCM Highway (128 Channel, 8 MHz)
Address
Data Bus
9
8
MC68302
Microprocessor
Bt8370
Bus
T1 or E1 connection at DSX or CSU levels
Bt8370
Bt8370
Bt8370
RS232 User
Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com