Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACM24 Datasheet(PDF) 1 Page - XP Power Limited

Part # ACM24
Description  AC-DC Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ACM24 Datasheet(HTML) 1 Page - XP Power Limited

  ACM24 Datasheet HTML 1Page - XP Power Limited ACM24 Datasheet HTML 2Page - XP Power Limited ACM24 Datasheet HTML 3Page - XP Power Limited ACM24 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ACM24 Series
AC-DC Power Supplies
Output
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage
9
48
V
See Models and Ratings table
Minimum Load
0A
No minimum load required
Start Up Delay
4s
Start Up Rise Time
30
ms
Hold Up Time
10
ms
Full load and 100 VAC
Total Regulation
5%
See Models and Ratings table
Transient Response
4
% deviation
Recovery within <1% within 500 µs for a 60% step load
change at 0.15 A/µs
Ripple & Noise
150
mV pk-pk
Measured with 20 MHz bandwidth and 10 µF electrolytic in
parallel with 0.1 µF ceramic capacitor
Short Circuit Protection
Continuous, trip and restart (hiccup mode) with auto recovery
Temperature Coefficient
0.05
%/ ˚C
xxx Series
www.xppower.com
1
Models & Ratings
Notes
1. Model number is for body only. AC input plugs must be ordered separately, see
AC input plug section.
2. Other output voltages available, contact sales for details.
3. Total regulation includes initial set accuracy, line and load regulation.
4. Typical average value measured at 25%, 50%, 75% and 100% at 230 VAC.
5. For white case version add suffix ‘-W’ e.g. ACM24US12-W. MOQ applies,
contact sales for details.
Dimensions:
ACM (body only):
3.46 x 1.18 x 2.24” (88.0 x 30.0 x 57.0 mm)
24 Watt
Output Power
Output Voltage
Output Current
Total Regulation(3)
Efficiency(4)
Model Number(1,2,5)
24 W
9.0 V
2330 mA
5%
86.5%
ACM24US09
12.0 V
2000 mA
5%
88.0%
ACM24US12
15.0 V
1600 mA
5%
87.7%
ACM24US15
18.0 V
1330 mA
5%
88.4%
ACM24US18
24.0 V
1000 mA
5%
88.4%
ACM24US24
48.0 V
500 mA
5%
88.0%
ACM24US48
• Energy Efficiency Level VI
• European CoC Tier 2
• Medical and ITE Approvals
• Interchangeable Mains Connectors
• Optional White Versions
• Output Voltages from 9 V to 48 V
• Class II Construction
• 3 Years Warranty
Input
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage
90
264
VAC
Input Frequency
47
63
Hz
Input Current
0.5
A
230 VAC
Inrush Current
70
A
240 VAC, cold start at 25 °C
Power Factor
EN61000-3-2, class A
No Load Input Power
75
mW
Input Protection
Internal fuse in line
The ACM24 series of wall plug adaptors comply with the latest energy efficiency level VI standards
with high active mode efficiency and extremely low no load power consumption. Available with a
standard jack plug connector these adaptors suit a wide variety of cost sensitive industrial and
medical applications while maintaining industry leading performance.


Similar Part No. - ACM24

ManufacturerPart #DatasheetDescription
logo
IDEAL-TEK SA
ACM24 SM IDEAL-TEK-ACM24 SM Datasheet
1Mb / 5P
Scalpels and Blades
logo
AZ Displays
ACM2402B AZDISPLAYS-ACM2402B Datasheet
73Kb / 5P
ACM2402B SERIES LCD MODULE
ACM2402C AZDISPLAYS-ACM2402C Datasheet
304Kb / 10P
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
ZETTLER Electronics
ACM2402C ZETTLER-ACM2402C Datasheet
801Kb / 12P
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
AZ Displays
ACM2402D AZDISPLAYS-ACM2402D Datasheet
57Kb / 5P
ACM2402D SERIES LCD MODULE
More results

Similar Description - ACM24

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
AC-DC Power Supplies
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
AC-DC Power Supplies
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
AC-DC Power Supplies
SDR250AS05-F XPPOWER-SDR250AS05-F Datasheet
285Kb / 4P
AC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com