Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS55451 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS55451
Description  Dual Peripheral Drivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS55451 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS55451 Datasheet HTML 1Page - National Semiconductor (TI) DS55451 Datasheet HTML 2Page - National Semiconductor (TI) DS55451 Datasheet HTML 3Page - National Semiconductor (TI) DS55451 Datasheet HTML 4Page - National Semiconductor (TI) DS55451 Datasheet HTML 5Page - National Semiconductor (TI) DS55451 Datasheet HTML 6Page - National Semiconductor (TI) DS55451 Datasheet HTML 7Page - National Semiconductor (TI) DS55451 Datasheet HTML 8Page - National Semiconductor (TI) DS55451 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Switching Characteristics
DS55451DS75451 DS55452DS75452 DS55453DS75453 DS55454DS75454 (VCC e 5V TA e 25 C)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPLH
Propagation Delay Time Low-to-High
CL e 15 pF RL e 50X
DS55451DS75451
18
25
ns
Level Output
IO
200 mA
(Figure 14)
DS55452DS75452
26
35
ns
DS55453DS75453
18
25
ns
DS55454DS75454
27
35
ns
tPHL
Propagation Delay Time High-to-Low
CL e 15 pF RL e 50X
DS55451DS75451
18
25
ns
Level Output
IO
200 mA
(Figure 14)
DS55452DS75452
24
35
ns
DS55453DS75453
16
25
ns
DS55454DS75454
24
35
ns
tTLH
Transition Time Low-to-High Level
CL e 15 pF RL e 50X IO
200mA
58
ns
Output
(Figure 14)
tTHL
Transition Time High-to-Low Level
CL e 15 pF RL e 50X IO
200 mA
712
ns
Output
(Figure 14)
VOH
High-Level Output Voltage after
VS e 20V IO
300 mA
(Figure 15)
VS b 65
mV
Switching
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
Voltage values are with respect to network ground terminal unless otherwise specified
Note 3
The voltage between two emitters of a multiple-emitter transistor
Note 4
The maximum voltage which should be applied to any output when it is in the ‘‘OFF’’ state
Note 5
Both halves of these dual circuits may conduct rated current simultaneously however power dissipation averaged over a short time interval must fall within
the continuous dissipation rating
Note 6
Unless otherwise specified minmax limits apply across the b55 Cto a125 C temperature range for the DS55450 series and across the 0 Cto a70 C
range for the DS7545X series All typicals are given for VCC ea5V and TA e 25 C
Note 7
All currents into device pins shown as positive out of device pins as negative all voltages referenced to ground unless otherwise noted All values shown
as max or min on absolute value basis
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com