Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3154 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS3154
Description  Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3154 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS3154 Datasheet HTML 1Page - Dallas Semiconductor DS3154 Datasheet HTML 2Page - Dallas Semiconductor DS3154 Datasheet HTML 3Page - Dallas Semiconductor DS3154 Datasheet HTML 4Page - Dallas Semiconductor DS3154 Datasheet HTML 5Page - Dallas Semiconductor DS3154 Datasheet HTML 6Page - Dallas Semiconductor DS3154 Datasheet HTML 7Page - Dallas Semiconductor DS3154 Datasheet HTML 8Page - Dallas Semiconductor DS3154 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
DS3151/DS3152/DS3153/DS3154 Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
5 of 60
FEATURES (continued)
Receiver
§ AGC/equalizer block handles from 0 to 15dB of cable loss
§ Loss-of-lock (LOL) PLL status indication
§ Interfaces directly to a DSX monitor signal (~20dB flat loss) using built-in preamp
§ Digital and analog loss-of-signal (LOS) detectors (ANSI T1.231 and ITU G.775)
§ Optional B3ZS/HDB3 decoder
§ Line-code violation output pin and counter
§ Binary or bipolar framer interface
§ On-board 2
15 - 1 and 223 - 1 PRBS detector
§ Clock inversion for glueless interfacing
§ Tri-state clock and data outputs support protection switching applications
§ Per-channel power-down control
Transmitter
§ Binary or bipolar framer interface
§ Gapped clock capable up to 51.84MHz
§ Wide 50 ±20% transmit clock duty cycle
§ Clock inversion for glueless interfacing
§ Optional B3ZS/HDB3 encoder
§ On-board 2
15 - 1 and 223 - 1 PRBS generator
§ Complete DS3 AIS generator (ANSI T1.107)
§ Unframed all-ones generator (E3 AIS)
§ Line build-out (LBO) control
§ Tri-state line driver outputs support protection switching applications
§ Per-channel power-down control
§ Output driver monitor
1. DETAILED DESCRIPTION
The DS3151 (single), DS3152 (dual), DS3153 (triple), and DS3154 (quad) LIUs perform the functions necessary
for interfacing at the physical layer to DS3, E3, or STS-1 lines. Each LIU has independent receive and transmit
paths and a built-in jitter attenuator. The receiver performs clock and data recovery from a B3ZS- or HDB3-coded
alternate mark inversion (AMI) signal and monitors for loss of the incoming signal. The receiver optionally performs
B3ZS/HDB3 decoding and outputs the recovered data in either binary or bipolar format. The transmitter accepts
data in either binary or bipolar format, optionally performs B3ZS/HDB3 encoding, and drives standard pulse-shape
waveforms onto 75
W coaxial cable. The jitter attenuator can be mapped into the receiver data path, mapped into
the transmitter data path, or be disabled. The DS315x LIUs conform to the telecommunications standards listed in
Table 1-A. Figure 1-1 shows the external components required for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com