Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK0021 Datasheet(PDF) 3 Page - Anaren Microwave

Part # MSK0021
Description  HIGH POWER OP-AMP
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

MSK0021 Datasheet(HTML) 3 Page - Anaren Microwave

  MSK0021 Datasheet HTML 1Page - Anaren Microwave MSK0021 Datasheet HTML 2Page - Anaren Microwave MSK0021 Datasheet HTML 3Page - Anaren Microwave MSK0021 Datasheet HTML 4Page - Anaren Microwave MSK0021 Datasheet HTML 5Page - Anaren Microwave MSK0021 Datasheet HTML 6Page - Anaren Microwave MSK0021 Datasheet HTML 7Page - Anaren Microwave MSK0021 Datasheet HTML 8Page - Anaren Microwave MSK0021 Datasheet HTML 9Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
HEAT SINKING
To select the correct heat sink for your application, re-
fertothethermalmodelandgoverningequationbelow.
Thermal Model:
APPLICATION NOTES
CURRENT LIMIT
The MSK0021 has an on-board current limit scheme
designed to limit the output drivers anytime output current
exceeds a predetermined limit.The following formula may
be used to determine the value of the current limit resis-
tancenecessarytoestablishthedesiredcurrentlimit.
Current Limit Connection
3
RSC= 0.7
ISC
___
See "Application Circuits" in this data sheet for ad-
ditionalinformationoncurrentlimitconnections.
POWER SUPPLY BYPASSING
Both the negative and the positive power supplies must be
effectively decoupled with a high and low frequency bypass
circuittoavoidpowersupplyinducedoscillation.Aneffective
decouplingschemeconsistsofa0.1microfaradceramicca-
pacitorinparallelwitha4.7microfaradtantalumcapacitorfrom
eachpowersupplypintoground.Itisalsoagoodpracticewith
high power op-amps, such as the MSK0021, to place a 30-50
microfarad capacitor with a low effective series resistance, in
parallelwiththeothertwopowersupplydecouplingcapacitors.
This capacitor will eliminate any peak output voltage clipping
whichmayoccurduetopoorpowersupplyloadregulation.
All power supply decoupling capacitors should be placed as
closetothepackagepowersupplypinsaspossible.
SAFE OPERATING AREA
The safe operating area curve is a graphical representation
ofthepowerhandlingcapabilityoftheamplifierundervarious
conditions.Thewirebondcurrentcarryingcapability,transistor
junction temperature and secondary breakdown limitations
areallincorporatedintothesafeoperatingareacurves.All
applicationsshouldbecheckedagainsttheS.O.A.curvesto
ensurehighM.T.B.F.
Governing Equation:
TJ = PD X (RθJC + RθCS + RθSA) + TA
Where
TJ
= Junction Temperature
PD
= Total Power Dissipation
RθJC
= Junction to Case Thermal Resistance
RθCS = Case to Heat Sink Thermal Resistance
RθSA
= Heat Sink to Ambient Thermal Resistance
TC
= Case Temperature
TA
= Ambient Temperature
TS
= Sink Temperature
Example: (TO-3 PACKAGE)
Inourexampletheamplifierapplicationrequirestheoutputtodrivea
10voltpeaksinewaveacrossa10ohmloadfor1ampofoutputcurrent.
For a worst case analysis we will treat the 1 amp peak output current
asaD.C.outputcurrent.Thepowersuppliesare±15VDC.
1.) FindPowerDissipation
PD=[(quiescent current) X (+VCC- (-VCC))] + [(VS - VO) X IOUT]
=(3.5mA)X(30V)+(5V)X(1A)
=0.1W+5W
=5.1W
2.) Forconservativedesign,setTJ=+125°C.
3.) Forthisexample,worstcaseTA=+25°C.
4.) RθJC=2.0°C/WtypicallyfortheTO-3package.
5.)RearrangegoverningequationtosolveforRθSA:
RθSA = (TJ - TA)/PD - (RθJC) - (RθCS)
=(125°C-25°C)/5.1W-(2.0°C/W)-(0.15°C/W)
=17.5°C/W
The heat sink in this example must have a thermal resistance of no
morethan17.5°C/Wtomaintainajunctiontemperatureoflessthan
+125°C.
8548-83Rev.E9/15



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com