Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK115B Datasheet(PDF) 2 Page - Anaren Microwave

Part # MSK115B
Description  HIGH POWER OPERATIONAL AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

MSK115B Datasheet(HTML) 2 Page - Anaren Microwave

  MSK115B Datasheet HTML 1Page - Anaren Microwave MSK115B Datasheet HTML 2Page - Anaren Microwave MSK115B Datasheet HTML 3Page - Anaren Microwave MSK115B Datasheet HTML 4Page - Anaren Microwave MSK115B Datasheet HTML 5Page - Anaren Microwave MSK115B Datasheet HTML 6Page - Anaren Microwave MSK115B Datasheet HTML 7Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
STATIC
Supply Voltage Range
Quiescent Current
Thermal Resistance
INPUT
Input Offset Voltage
Input Offset Adjust
Input Bias Current
Input Offset Current
Input Impedance
Common Mode Range
Common Mode Rejection Ratio
OUTPUT
Output Voltage Swing
Output Current, Peak
Settling Time
TRANSFER CHARACTERISTICS
Slew Rate
Open Loop Voltage Gain
Gain Bandwidth Product
Supply Voltage
Output Current
Differential Input Voltage
Case Operating Temperature Range
(MSK115B)
-55°C to+125°C
(MSK115)
-40°C to +85°C
Storage Temperature Range
-65°C to +150°C
Lead Temperature Range
(10 Seconds)
300°C
Power Dissipation
See S0A Curve
Junction Temperature
175°C
Group A
Subgroup
-
1
2,3
-
1
2,3
7
8A,8B
1
2,3
1
2,3
-
-
-
4
-
4
-
4
4
-
V
mA
mA
°C/W
mV
mV
mV
mV
nA
nA
nA
nA
MΩ
V
dB
V
V
A
μS
V/μS
dB
MHz
VIN=0V
AV=-10V/V
Junction to Case @ 25°C
VIN=0V AV=10V/V
Bal.Pins=NC
RPOT=10KΩ Wiper to -VCC
AV=-10V/V
VCM=0V
Either Input
VCM=0V
F=DC
F=100Hz VCM=±5V
RL=500Ω AV=-10V/V
RL=10Ω RSC = 0Ω
AV=-10V/V VOUT=MAX
0.1% 10V step
VOUT=±10V RL=500Ω AV=-10V/V
RL=500Ω F=10Hz
RL=10Ω F=1 MHz
±50V
15A
±37V
±VCC
IOUT
VIN
TC
Parameter
TST
TLD
PD
TJ
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
Test Conditions
NOTES:
Unless otherwise specified, ±VCC=±40VDC
AV= -1, measured in false summing junction circuit.
Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
Industrial grade devices shall be tested to subgroups 1,4 and 7 unless otherwise specified.
Military grade devices ("B" suffix) shall be 100% tested to subgroups 1,2,3,4,7,8A and 8B.
Subgroups 5 and 6 testing available upon request.
Subgroup 1,4,7
TA=TC=+25°C
Subgroup 2,5,8A TA=TC=+125°C
Subgroup 3,6,8B TA=TC=-55°C
Continuous operation at or above absolute maximum ratings may adversely effect the device performance and/or life cycle.
Internal solder reflow temperature is 180°C, do not exceed.
MSK115B
Min.
±10
-
-
-
-
-
-
-
-
-
50
-
80
±35
±35
15
-
2.5
95
-
Typ.
-
±22
±28
0.5
±2
±3
±10
±15
±5
±10
250
±35
100
±37
±36
-
2
5
105
4
Max.
±50
±35
±45
0.6
±6
±12
±30
±250
±30
±100
-
-
-
-
-
-
-
-
-
-
Typ.
-
±22
-
0.5
±2
-
-
±10
-
±5
-
250
±35
100
±37
±36
-
5
2.5
105
3
MSK115
Min.
±10
-
-
-
-
-
-
-
-
-
-
35
-
74
±33
±33
10
-
1
85
-
Max.
±45
±40
-
0.7
±10
-
-
±50
-
±50
-
-
-
-
-
-
-
-
-
-
-
Units
2
1
2
3
4
5
6
7
8
9
Adjust to zero
Adjust to zero
3
3
Adjust to zero
3
3
3
3
2
3
8
1
3
3
8548-119 Rev. E 4/14
9



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com