Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK145 Datasheet(PDF) 1 Page - Anaren Microwave

Part # MSK145
Description  HIGH POWER OP-AMP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

MSK145 Datasheet(HTML) 1 Page - Anaren Microwave

  MSK145 Datasheet HTML 1Page - Anaren Microwave MSK145 Datasheet HTML 2Page - Anaren Microwave MSK145 Datasheet HTML 3Page - Anaren Microwave MSK145 Datasheet HTML 4Page - Anaren Microwave MSK145 Datasheet HTML 5Page - Anaren Microwave MSK145 Datasheet HTML 6Page - Anaren Microwave MSK145 Datasheet HTML 7Page - Anaren Microwave MSK145 Datasheet HTML 8Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Servo Amplifer
Motor Driver
Audio Amplifier
Programmable Power Supply
Magnetic Deflection
TYPICAL APPLICATIONS
1 Current Sense
5 Inverting Input
2 No Connection
6 Negative Power Supply
3 Positive Power Supply
7 No Connection
4 Non-Inverting Input
8 Output Drive
1
PIN-OUT INFORMATION
The above pin out table is for the MSK541 (TO-3). Refer to the me-
chanical specifications page for the pin out information of additional
package styles.
FEATURES:
Available to SMD #5962-88701
High Output Current - 10 Amps Peak
Wide Power Supply Range - ±10V to ±40V
Programmable Current Limit
FET Input
Isolated Case
Replacement for OMA 541SKB - MSK541
OMA 541SDB - MSK146
OMA 541SZB - MSK147
DESCRIPTION:
The MSK541 is a high power monolithic amplifier ideally suited for high power amplification and magnetic deflection
applications. This amplifier is capable of operation at a supply voltage rating of 80 volts and can deliver guaranteed
continuous output currents up to 5A, making the MSK541 series an excellent low cost choice for motor drive circuits.
The amplifier and load can be protected from fault conditions through the use of internal current limit circuitry that can be
user programmed with a single external resistor. The MSK541 is pin compatible with popular op-amps such as the Burr-
Brown OPA501, OPA511, OPA512, OPA541 and 3573. The MSK541 is available in a hermetically sealed 8 pin TO-3
package. The MSK145 is available in a 6 pin SIP Package. The MSK146 is an 8 pin Power DIP Package and the MSK147
is available in an 8 pin Power Z-TAB Package for applications requiring bolt down heat sinking. Other package styles are
also available for a wide range of applications.
EQUIVALENT SCHEMATIC
MSK147
MSK145
MSK541
MSK146
HIGH POWER
OP-AMP
(TO-3 PIN-OUT SHOWN)
M.S KENNEDY CORP.
541
SERIES
HIGH POWER
OP-AMP
8548-29 Rev. L 6/14
CASE=ISOLATED
MIL-PRF-38534 AND 38535 CERTIFIED FACILITY


Similar Part No. - MSK145

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK145 MSK-MSK145_15 Datasheet
246Kb / 8P
Programmable Current Limit
More results

Similar Description - MSK145

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
541 MSK-541 Datasheet
482Kb / 7P
HIGH POWER OP-AMP
MSK2541 MSK-MSK2541 Datasheet
327Kb / 6P
DUAL HIGH POWER OP-AMP
MSK106RH MSK-MSK106RH Datasheet
449Kb / 9P
RADIATION HARDENED HIGH POWER OP-AMP
MSK-0021FP MSK-MSK-0021FP Datasheet
330Kb / 8P
HIGH POWER OP-AMP
MSK-0041 MSK-MSK-0041 Datasheet
268Kb / 7P
HIGH POWER OP-AMP
logo
Anaren Microwave
MSK0021 ANAREN-MSK0021 Datasheet
854Kb / 9P
HIGH POWER OP-AMP
MSK0021FP ANAREN-MSK0021FP Datasheet
854Kb / 9P
HIGH POWER OP-AMP
MSK0041FP ANAREN-MSK0041FP Datasheet
169Kb / 7P
HIGH POWER OP-AMP
MSK106RH ANAREN-MSK106RH Datasheet
474Kb / 8P
RADIATION HARDENED HIGH POWER OP-AMP
MSK2541 ANAREN-MSK2541 Datasheet
453Kb / 7P
DUAL HIGH POWER OP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com