Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPLBK94-40 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SPLBK94-40
Description  Unmounted Laser Bars, 50% Fill Factor, 940nm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLBK94-40 Datasheet(HTML) 1 Page - OSRAM GmbH

  SPLBK94-40 Datasheet HTML 1Page - OSRAM GmbH SPLBK94-40 Datasheet HTML 2Page - OSRAM GmbH SPLBK94-40 Datasheet HTML 3Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
07.07.2017
1
DRAFT – For reference only. Subject to change – 
may be necessary in a limited number of cases.
2007-05-23
Unmounted Laser Bars, 50% Fill Factor, 940nm
Version 0.1
SPL BK94-40
SPL BK94-40
Ordering Information
Features
•
Unmounted monolithic linear array
•
25 emitter design (50% fill factor)
•
Recommended optical power 250W
•
Typical conversion efficiency 63%
•
High efficiency and reliable MOVPE-grown quantum-well structure
•
Other center pulse wavelengths available upon request
•
Solderable p- and n-side metallization
•
N-side metallization suitable for wire bonding
Applications
•
Recommended for continuous wave (cw)-applications
•
Pumping of solid-state and fiber lasers
•
Direct material processing
•
Heating, illumination
•
Medical applications
•
Printing applications
Safety Advices
Depending on the mode of operation, these devices emit highly concentrated non-visible infrared light
which can be hazardous to the human eye. Products which incorporate these devices have to follow the
safety precautions found in IEC 60825-1 “Safety of laser products”.
Type
Power1)
Wavelength2)
Ordering Code
SPL BK94-40
250 W
931 ± 5 nm
Q65111A7639
1)
Recommended optical power implies a thermal resistance of Rth < 0.3 K/W.
2)
Center pulse wavelength (wafer median) of unmounted laser bars at 1 μs pulse width and 4 kHz repetition rate. Other
wavelengths or tolerances available upon request.


Similar Part No. - SPLBK94-40

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPLBK98-40 OSRAM-SPLBK98-40 Datasheet
133Kb / 3P
Unmounted monolithic linear array
More results

Similar Description - SPLBK94-40

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPLBG81-2S OSRAM-SPLBG81-2S Datasheet
127Kb / 4P
Un-mounted Laser Bars, 50% Fill-factor, 808 nm
SPLBG81-9S OSRAM-SPLBG81-9S Datasheet
127Kb / 4P
Un-mounted Laser Bars, 50% Fill-factor, 808 nm
SPLBG91-2S OSRAM-SPLBG91-2S Datasheet
126Kb / 4P
Un-mounted Laser Bars, 50% Fill-factor, 915 nm
SPLBG94-20S OSRAM-SPLBG94-20S Datasheet
126Kb / 4P
Un-mounted Laser Bars, 50% Fill-factor, 940 nm
SPLBG94-2S OSRAM-SPLBG94-2S Datasheet
126Kb / 4P
Un-mounted Laser Bars, 50% Fill-factor, 940 nm
SPLBG98-20S OSRAM-SPLBG98-20S Datasheet
126Kb / 4P
Un-mounted Laser Bars, 50% Fill-factor, 980 nm
SPLBG98-2S OSRAM-SPLBG98-2S Datasheet
187Kb / 4P
Un-mounted Laser Bars, 50% Fill-factor, 980 nm
SPLBX81-2S OSRAM-SPLBX81-2S Datasheet
126Kb / 4P
Unmounted Laser Bars, 30% Fill-Factor, 808 nm
SPLBX94-2S OSRAM-SPLBX94-2S Datasheet
111Kb / 4P
Unmounted Laser Bars, 30% Fill-Factor, 940 nm
SPLBX98-2S OSRAM-SPLBX98-2S Datasheet
126Kb / 4P
Unmounted Laser Bars, 30% Fill-Factor, 980 nm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com