Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GHCSSRM2.24 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # GHCSSRM2.24
Description  OSLON Square
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GHCSSRM2.24 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button GHCSSRM2.24 Datasheet HTML 4Page - OSRAM GmbH GHCSSRM2.24 Datasheet HTML 5Page - OSRAM GmbH GHCSSRM2.24 Datasheet HTML 6Page - OSRAM GmbH GHCSSRM2.24 Datasheet HTML 7Page - OSRAM GmbH GHCSSRM2.24 Datasheet HTML 8Page - OSRAM GmbH GHCSSRM2.24 Datasheet HTML 9Page - OSRAM GmbH GHCSSRM2.24 Datasheet HTML 10Page - OSRAM GmbH GHCSSRM2.24 Datasheet HTML 11Page - OSRAM GmbH GHCSSRM2.24 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Version 1.0
GH CSSRM2.24
IF = f (VF); TJ = 25 °C
ΦEE(700 mA) = f(IF); TJ = 25 °C
GH CSSRM2.24
1,6
1,8
2,0
2,2
2,4
VF [V]
100
200
400
600
800
1000
IF [mA]
GH CSSRM2.24
10
0
20
0
40
0
60
0
80
0
10
00
IF [mA]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
ΦE
ΦE(700mA)
2018-02-23
8
Forward Current 5) page 21 , 7) page 21
Durchlassstrom 5) Seite 21 , 7) Seite 21
Relative Radiant Power 5) page 21 , 7) page 21
Relative Strahlungsleistung 5) Seite 21 , 7) Seite 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com