Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GHCS8PM1.24 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # GHCS8PM1.24
Description  OSLON SSL 80
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GHCS8PM1.24 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button GHCS8PM1.24 Datasheet HTML 5Page - OSRAM GmbH GHCS8PM1.24 Datasheet HTML 6Page - OSRAM GmbH GHCS8PM1.24 Datasheet HTML 7Page - OSRAM GmbH GHCS8PM1.24 Datasheet HTML 8Page - OSRAM GmbH GHCS8PM1.24 Datasheet HTML 9Page - OSRAM GmbH GHCS8PM1.24 Datasheet HTML 10Page - OSRAM GmbH GHCS8PM1.24 Datasheet HTML 11Page - OSRAM GmbH GHCS8PM1.24 Datasheet HTML 12Page - OSRAM GmbH GHCS8PM1.24 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
ΔVF = VF - VF(25 °C) = f(Tj); IF = 350 mA
ΦE/ΦE(25 °C) = f(Tj); IF = 350 mA
λcentr = f(Tj); IF = 350 IFmA
GH CS8PM1.24
-40 -20
0
20 40 60 80 100 120
Tj [°C]
-0,1
0,0
0,1
0,2
∆
V [V]
GH CS8PM1.24
-40 -20
0
20 40 60 80 100 120
j
0,0
0,2
0,4
0,6
0,8
E
ΦE (25°C)
GH CS8PM1.24
-40 -20
0
20
40
60
80 100 120
Tj [°C]
-10
-5
0
5
10
∆λ centr [nm]
Relative Forward Voltage 5) page 21
Relative Vorwärtsspannung 5) Seite 21
Relative Radiant Power 5) page 21
Relative Strahlungsleistung 5) Seite 21
Centroid Wavelength 5) page 21
Centroid Wellenlänge 5) Seite 21
Version 2.1
GH CS8PM1.24
2018-01-23
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com