Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEM001-MIM Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PEM001-MIM
Description  60 GHz Transmitter (Tx) Waveguide Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEM001-MIM Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PEM001-MIM Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEM001-MIM Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEM001-MIM Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEM001-MIM Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEM001-MIM Datasheet HTML 5Page - Pasternack Enterprises, Inc. PEM001-MIM Datasheet HTML 6Page - Pasternack Enterprises, Inc. PEM001-MIM Datasheet HTML 7Page - Pasternack Enterprises, Inc. PEM001-MIM Datasheet HTML 8Page - Pasternack Enterprises, Inc. PEM001-MIM Datasheet HTML 9Page - Pasternack Enterprises, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TECHNICAL DATA SHEET
PEM001-MIM
60 GHz Transmitter (Tx) Waveguide Module
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 60 GHz Transmitter (Tx) Waveguide Module PEM001-MIM
4
Table 1 Performance Specifications*
Parameter
Unit
Comment
I/Q Balance Phase
I/Q Balance Amplitude
Min
Typ
Max
Frequency Range
57.0
64.8
GHz
Channel Spacing
540
MHz
308.571 MHz Reference
Channel Spacing
500
MHz
285.714 MHz Reference
Gain, Max
Gain, Range
38
20
dB
dB
Gain, Step Size
1.25
dB
P1dB
12
dBm
Psat
15
dBm
Image Rejection
34
dB
Sideband Suppression
20
dB
Carrier Suppression
20
dB
Phase Noise @ 100 kHz
-72
dBc/Hz
Phase Noise @ 1 MHz
-86
Phase Noise @ 10 MHz
-111
Phase Noise @ 100 MHz
-125
Phase Noise @ 1 GHz
-127
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
PLL Loop Bandwidth
200
kHz
± 3
degrees
± 1
dB
*Test Conditions:
Reference Frequency
308.571 MHz
Temperature
25°C
I/Q Input Signal Level
Referenced to -31 dBm x4 at each 50 ohm input port
IF Bandwidth
Max
Output
Referenced to WR15 output port
Modulation Bandwidth
1.8
GHz
Max BW setting, double-sided at 3 dB
Gain = Pout - Pin (I/Q differential input)
3x LO Suppression
32
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com