Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEM010 Datasheet(PDF) 13 Page - Pasternack Enterprises, Inc.

Part # PEM010
Description  60 GHz Transmitter (Tx) Waveguide Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEM010 Datasheet(HTML) 13 Page - Pasternack Enterprises, Inc.

Back Button PEM010 Datasheet HTML 9Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 10Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 11Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 12Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 13Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 14Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 15Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 16Page - Pasternack Enterprises, Inc. PEM010 Datasheet HTML 17Page - Pasternack Enterprises, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
TECHNICAL DATA SHEET
PEM010
60 GHz Transmitter (Tx) Waveguide Module
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 60 GHz Transmitter (Tx) Waveguide Module PEM010
13
Table 4.3 Register Byte Functions
Bit
Name
BYTE 6
7
tripler_bias_13
6
5
4
3
2
1
0
BYTE 7
Function
7
6
5
4
3
2
1
0
BYTE 8
7
6
5
4
3
2
1
0
Frequency tripler bias (upper 8 bit portion): bits <7:0> = 10111111 default
tripler_bias_12
tripler_bias_11
tripler_bias_10
tripler_bias_9
tripler_bias_8
tripler_bias_7
tripler_bias_6
ifvga_bias_2
IF VGA bias ; bits <7:4> = 1000 for normal operation
ifvga_bias_1
ifvga_bias_0
ifvga_tune_4
ifvga_tune_3
ifvga_tune_2
ifvga_tune_1
ifvga_vga_adj_3
IF VGA gain control bits; bits <7:4> = 0000 highest gain, 1111 lowest gain
ifvga_vga_adj_2
ifvga_vga_adj_1
ifvga_vga_adj_0
Attenuation 1.25 dB/step, ≈ 20 dB maximum
rfmix_tune_3
IF filter alignment in the RF mixer; bits <3:0> = 1111 for normal operation
rfmix_tune_2
rfmix_tune_1
rfmix_tune_0
ifvga_bias_3
IF VGA filter ; bits <3:0> = 1111 for normal operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com